Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FST16233 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FST16233
Description  16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST16233 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FST16233 Datasheet HTML 1Page - Fairchild Semiconductor FST16233 Datasheet HTML 2Page - Fairchild Semiconductor FST16233 Datasheet HTML 3Page - Fairchild Semiconductor FST16233 Datasheet HTML 4Page - Fairchild Semiconductor FST16233 Datasheet HTML 5Page - Fairchild Semiconductor FST16233 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 3)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum rating.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: The input and output negative voltage ratings may be exceeded if
the input and output diode current ratings are observed.
Note 3: Unused control inputs must be held HIGH or LOW. They may not
float.
DC Electrical Characteristics
Note 4: Typical values are at VCC = 5.0V and TA = +25°C
Note 5: Measured by the voltage drop between A and B pins at the indicated current through the switch. On resistance is determined by the lower of the
voltages on the two (A or B) pins.
Supply Voltage (VCC)
−0.5V to +7.0V
DC Switch Voltage (VS)
−0.5V to +7.0V
DC Input Voltage (VIN) (Note 2)
−0.5V to +7.0V
DC Input Diode Current (lIK) VIN < 0V
−50mA
DC Output (IOUT) Sink Current
128mA
DC VCC/GND Current (ICC/IGND)
+/− 100mA
Storage Temperature Range (TSTG)
−65°C to +150 °C
Power Supply Operating (VCC)
4.0V to 5.5V
Input Voltage (VIN)
0V to 5.5V
Output Voltage (VOUT)
0V to 5.5V
Input Rise and Fall Time (tr, tf)
Switch Control Input
0nS/V to 5nS/V
Switch I/O
0nS/V to DC
Free Air Operating Temperature (TA)
−40 °C to +85 °C
Symbol
Parameter
VCC
(V)
TA = −40 °C to +85 °C
Units
Conditions
Min
Typ
(Note 4)
Max
VIK
Clamp Diode Voltage
4.5
−1.2
V
IIN = −18mA
VIH
HIGH Level Input Voltage
4.0–5.5
2.0
V
VIL
LOW Level Input Voltage
4.0–5.5
0.8
V
II
Input Leakage Current
5.5
±1.0
µA0≤ V
IN ≤5.5V
010
µAV
IN = 5.5V
IOFF
OFF-STATE Leakage Current
5.5
±1.0
µA0 ≤A, B ≤V
CC
RON
Switch On Resistance
4.5
4
7
VIN = 0V, IIN = 64mA
(Note 5)
4.5
4
7
VIN = 0V, IIN = 30mA
4.5
8
12
VIN = 2.4V, IIN = 15mA
4.0
11
20
VIN = 2.4V, IIN = 15mA
ICC
Quiescent Supply Current
5.5
3
µAV
IN = VCC or GND, IOUT = 0
∆ I
CC
Increase in ICC per Input
5.5
2.5
mA
One input at 3.4V
Other inputs at VCC or GND


Similar Part No. - FST16233

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST16233 FAIRCHILD-FST16233 Datasheet
101Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
FST16233 ONSEMI-FST16233 Datasheet
203Kb / 8P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
Revised November 2000
logo
Fairchild Semiconductor
FST16233MEA FAIRCHILD-FST16233MEA Datasheet
101Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
FST16233MEA ONSEMI-FST16233MEA Datasheet
203Kb / 8P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
Revised November 2000
logo
Fairchild Semiconductor
FST16233MTD FAIRCHILD-FST16233MTD Datasheet
101Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
More results

Similar Description - FST16233

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTU32160A FAIRCHILD-FSTU32160A Datasheet
96Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FST16233MTDX FAIRCHILD-FST16233MTDX Datasheet
101Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
FST16233 ONSEMI-FST16233 Datasheet
203Kb / 8P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
Revised November 2000
logo
Texas Instruments
SN74CBT16390 TI-SN74CBT16390_08 Datasheet
333Kb / 11P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
logo
Fairchild Semiconductor
FST16232 FAIRCHILD-FST16232 Datasheet
98Kb / 6P
   Synchronous 16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
logo
Texas Instruments
SN74CBT16390 TI-SN74CBT16390 Datasheet
75Kb / 5P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
SN74CBT16390 TI-SN74CBT16390_07 Datasheet
303Kb / 11P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
logo
Fairchild Semiconductor
FSTU32160 FAIRCHILD-FSTU32160_06 Datasheet
118Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch with ??V Undershoot Protection
FSTU32160 FAIRCHILD-FSTU32160 Datasheet
96Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection
FSTU32160MTDX FAIRCHILD-FSTU32160MTDX Datasheet
124Kb / 7P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch with ??V Undershoot Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com