Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FST3125 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FST3125
Description  Quad Bus Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST3125 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FST3125 Datasheet HTML 1Page - Fairchild Semiconductor FST3125 Datasheet HTML 2Page - Fairchild Semiconductor FST3125 Datasheet HTML 3Page - Fairchild Semiconductor FST3125 Datasheet HTML 4Page - Fairchild Semiconductor FST3125 Datasheet HTML 5Page - Fairchild Semiconductor FST3125 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Package Number MTC14
Technology Description
The Fairchild Switch family derives from and embodies Fairchild’s proven switch technology used for several years in its
74LVX3L384 (FST3384) bus switch product.


Similar Part No. - FST3125

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST3125 FAIRCHILD-FST3125 Datasheet
123Kb / 6P
   4-Bit Bus Switch
FST3125 FAIRCHILD-FST3125 Datasheet
445Kb / 9P
   4-Bit Bus Switch
logo
ON Semiconductor
FST3125 ONSEMI-FST3125 Datasheet
124Kb / 7P
   4-Bit Bus Switch
June, 2013 ??Rev. 0
FST3125DR2G ONSEMI-FST3125DR2G Datasheet
124Kb / 7P
   4-Bit Bus Switch
June, 2013 ??Rev. 0
FST3125DR2G ONSEMI-FST3125DR2G Datasheet
124Kb / 7P
   4-Bit Bus Switch
June, 2013 ??Rev. 0
More results

Similar Description - FST3125

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST3126 FAIRCHILD-FST3126 Datasheet
121Kb / 6P
   Quad Bus Switch
logo
NXP Semiconductors
CBT3126 NXP-CBT3126 Datasheet
91Kb / 13P
   Quad FET bus switch
Rev. 03-9 December 2008
logo
Toshiba Semiconductor
TC7MB3125CFT TOSHIBA-TC7MB3125CFT Datasheet
289Kb / 11P
   Low Capacitance Quad Bus Switch
2014-03-01
logo
NXP Semiconductors
CBT3244 PHILIPS-CBT3244 Datasheet
83Kb / 10P
   Octal bus switch with Quad Output Enables
1998 Dec 08
logo
ON Semiconductor
74FST3257 ONSEMI-74FST3257_11 Datasheet
145Kb / 8P
   Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
June, 2011 ??Rev. 7
logo
Toshiba Semiconductor
TC7MBL3125CFT TOSHIBA-TC7MBL3125CFT Datasheet
244Kb / 12P
   Low Voltage/Low Capacitance Quad Bus Switch
logo
ON Semiconductor
FST3257 ONSEMI-FST3257 Datasheet
575Kb / 12P
   Quad 2:1 Multiplexer / Demultiplexer Bus Switch
May 2009 Rev. 1.0.3
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Fairchild Semiconductor
FST3257 FAIRCHILD-FST3257 Datasheet
96Kb / 5P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch
logo
Nexperia B.V. All right...
CBT3244A NEXPERIA-CBT3244A Datasheet
223Kb / 16P
   Octal bus switch with quad output enables
Rev. 3 - 8 September 2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com