Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM3BT-DSF-PEJS Datasheet(PDF) 11 Page - Hirose Electric

Part # DM3BT-DSF-PEJS
Description  microSD Card Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DM3BT-DSF-PEJS Datasheet(HTML) 11 Page - Hirose Electric

Back Button DM3BT-DSF-PEJS Datasheet HTML 3Page - Hirose Electric DM3BT-DSF-PEJS Datasheet HTML 4Page - Hirose Electric DM3BT-DSF-PEJS Datasheet HTML 5Page - Hirose Electric DM3BT-DSF-PEJS Datasheet HTML 6Page - Hirose Electric DM3BT-DSF-PEJS Datasheet HTML 7Page - Hirose Electric DM3BT-DSF-PEJS Datasheet HTML 8Page - Hirose Electric DM3BT-DSF-PEJS Datasheet HTML 9Page - Hirose Electric DM3BT-DSF-PEJS Datasheet HTML 10Page - Hirose Electric DM3BT-DSF-PEJS Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
DM3 Series
microSD™ Card Connectors
● Refer to applicable Operation Manual listed below for additional precautions.
Series
DM3AT Series
DM3BT Series
DM3CS Series
DM3D Series
ETAD-F0345
ETAD-F0324
ETAD-F0335
ETAD-F0353
Operation Manual Number
■Recommended temperature profile
■Precautions
1. Do not immerse or clean the entire connector with cleaning solutions as this may affect proper operation of the
ejection mechanism and electrical performance of the connector
2. Do not apply excessive force to the connector when handling or after installation on the PC board.
3. The connectors will reliably connect and operate with the correctly inserted microSDTM cards.
Follow the correct insertion / ejection procedure for the specific connector in use.
Attempts of incorrect insertion of the card may cause damage to the connector or the card.
4. The connector must be correctly mounted on the PC board before the card can be inserted. Do not insert the card in
the un-mounted connector.
5. Mounting on the Flexible Printed Circuit (FPC)
To assure correct performance it is recommended that a flat reinforcement plate 0.3 mm min. thick be used under
the FPC.
6. Small visible residual manufacturing fluids or tooling marks do not affect connector's performance.
7. Repeated insertions and removal of the cards may leave some marks on the card itself. This will have no affect on
the connector performance.
HRS test condition
Solder method
:Reflow, IR/hot air
Environment
:Room air
Solder composition :Paste, 96.5%Sn/3.0%Ag/0.5%Cu
(Senju Metal Industry, Co., Ltd.'s
Part Number:M705-GRN360-K2-V)
Test board
:Glass epoxy 60mm∞100mm∞1.0mm thick
Metal mask
:0.12mm thick
Number of reflow cycles : 2cycles max.
The temperature profiles shown are based on the above
conditions.
In individual applications the actual temperature may vary,
depending on solder paste type, volume / thickness and board
size / thickness. Consult your solder paste and equipment
manufacturer for specific recommendations.
50
90 to 120 seconds
Preheating
50
seconds
Soldering
Time (Seconds)
(ç)
100
150
200
250
150ç
200ç
230ç min.
Peak:250ç MAX
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - DM3BT-DSF-PEJS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DM3BT-DSF-PEJS HIROSE-DM3BT-DSF-PEJS Datasheet
778Kb / 12P
   microSD??Card Connectors
More results

Similar Description - DM3BT-DSF-PEJS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM3C-SF ETC2-DM3C-SF Datasheet
832Kb / 11P
   microSD Card Connectors
logo
Mitsumi Electronics, Co...
CIM-H33N MITSUMI-CIM-H33N Datasheet
111Kb / 2P
   microSD card connectors
CIM-H32N MITSUMI-CIM-H32N Datasheet
251Kb / 4P
   microSD card connectors
logo
Hirose Electric
DM3 HIROSE-DM3 Datasheet
778Kb / 12P
   microSD??Card Connectors
logo
Molex Electronics Ltd.
47219-0001 MOLEX-47219-0001 Datasheet
132Kb / 2P
   microSD Memory Card Connectors
logo
List of Unclassifed Man...
AP512MCSD ETC2-AP512MCSD Datasheet
94Kb / 12P
   microSD Card
logo
Yamaichi Electronics Co...
PJS008-1000 YAMAICHI-PJS008-1000 Datasheet
102Kb / 1P
   microSD Card Adapter (microSD-to-miniSD)
PJS008T-3000-0 YAMAICHI-PJS008T-3000-0 Datasheet
124Kb / 1P
   microSD Card Adapter (microSD-to-SD)
PJS008-2100-X YAMAICHI-PJS008-2100-X Datasheet
2Mb / 1P
   microSD card connector
logo
Transcend Information. ...
TS256MUSD TRANSCEND-TS256MUSD Datasheet
537Kb / 24P
   microSD Memory Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com