Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF12B-36DS-0.5V Datasheet(PDF) 7 Page - Hirose Electric

Part # DF12B-36DS-0.5V
Description  0.5mm Pitch SMT Board to Board Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF12B-36DS-0.5V Datasheet(HTML) 7 Page - Hirose Electric

Back Button DF12B-36DS-0.5V Datasheet HTML 3Page - Hirose Electric DF12B-36DS-0.5V Datasheet HTML 4Page - Hirose Electric DF12B-36DS-0.5V Datasheet HTML 5Page - Hirose Electric DF12B-36DS-0.5V Datasheet HTML 6Page - Hirose Electric DF12B-36DS-0.5V Datasheet HTML 7Page - Hirose Electric DF12B-36DS-0.5V Datasheet HTML 8Page - Hirose Electric DF12B-36DS-0.5V Datasheet HTML 9Page - Hirose Electric DF12B-36DS-0.5V Datasheet HTML 10Page - Hirose Electric DF12B-36DS-0.5V Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
A199
DF12 Seriesq0.5mm Pitch SMT Board to Board Connector
sHeader With metal fitting
Part Number
CL No.
Number of Contacts
A
B
C
D
E
F
Remarks
DF12 (3.0)-10DP-0.5V (86)
537-0721-0- 86
10
04.7
02.0
03.2
04.1
05.5
DF12 (3.0)-14DP-0.5V (86)
537-0918-4- 86
14
05.7
03.0
04.2
05.1
06.5
DF12 (3.0)-20DP-0.5V (86)
537-0723-5- 86
20
07.2
04.5
05.7
06.6
08.0
DF12 (3.0)-30DP-0.5V (86)
537-0725-0- 86
30
09.7
07.0
08.2
09.1
10.5
DF12 (3.0)-32DP-0.5V (86)
537-0732-6- 86
32
10.2
07.5
08.7
09.6
11.0
With metal fitting
DF12 (3.0)-36DP-0.5V (86)
537-0726-3- 86
36
11.2
08.5
09.7
10.6
2.3
12.0
With boss
DF12 (3.0)-40DP-0.5V (86)
537-0727-6- 86
40
12.2
09.5
10.7
11.6
13.0
DF12 (3.0)-50DP-0.5V (86)
537-0729-1- 86
50
14.7
12.0
13.2
14.1
15.5
DF12 (3.0)-60DP-0.5V (86)
537-0731-3- 86
60
17.2
14.5
15.7
16.6
18.0
DF12 (3.0)-80DP-0.5V (86)
537-0733-9- 86
80
22.2
19.5
20.7
21.6
23.0
DF12 (3.0)-10DP-0.5V (86)
537-0756-4- 86
10
04.7
02.0
03.2
––––
05.5
DF12 (3.0)-14DP-0.5V (86)
537-0919-7- 86
14
05.7
03.0
04.2
––––
06.5
DF12B (3.0)-20DP-0.5V (86)
537-0758-0- 86
20
07.2
04.5
05.7
––––
08.0
DF12B (3.0)-30DP-0.5V (86)
537-0760-1- 86
30
09.7
07.0
08.2
––––
10.5
DF12B (3.0)-32DP-0.5V (86)
537-0767-0- 86
32
10.2
07.5
08.7
––––
11.0
With metal fitting
DF12B (3.0)-36DP-0.5V (86)
537-0761-4- 86
36
11.2
08.5
09.7
––––
2.3
12.0
Without boss
DF12B (3.0)-40DP-0.5V (86)
537-0762-7- 86
40
12.2
09.5
10.7
––––
13.0
DF12B (3.0)-50DP-0.5V (86)
537-0764-2- 86
50
14.7
12.0
13.2
––––
15.5
DF12B (3.0)-60DP-0.5V (86)
537-0766-8- 86
60
17.2
14.5
15.7
––––
18.0
DF12B (3.0)-80DP-0.5V (86)
537-0768-3- 86
80
22.2
19.5
20.7
––––
23.0
Unit: mm
qStacking Height: 3mm Product
Note : Please order the embossed tape packaging product per reel. (1000 pcs./reel)
YES
RoHS
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF12B-36DS-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF12B-36DS-0.5V HIROSE-DF12B-36DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
DF12B-36DS-0.5V HIROSE-DF12B-36DS-0.5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
More results

Similar Description - DF12B-36DS-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF12E3.0-20DP-0.5V81 HIROSE-DF12E3.0-20DP-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF123.0-50DP-0.5V86 HIROSE-DF123.0-50DP-0.5V86 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF16-14DS-0.5V HIROSE-DF16-14DS-0.5V Datasheet
236Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
logo
Harwin Plc
M58-250R HARWIN-M58-250R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-350R HARWIN-M58-350R Datasheet
209Kb / 2P
   MALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
logo
Hirose Electric
DF174.0-20DS-0.5V57 HIROSE-DF174.0-20DS-0.5V57 Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
DF17-26DS-0.5V HIROSE-DF17-26DS-0.5V Datasheet
285Kb / 7P
   0.5mm Pitch Board to Board Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com