Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1443D200HD Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ADC1443D200HD
Description  Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B-compliant CGVxpress serial outputs
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1443D200HD Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ADC1443D200HD Datasheet HTML 4Page - Integrated Device Technology ADC1443D200HD Datasheet HTML 5Page - Integrated Device Technology ADC1443D200HD Datasheet HTML 6Page - Integrated Device Technology ADC1443D200HD Datasheet HTML 7Page - Integrated Device Technology ADC1443D200HD Datasheet HTML 8Page - Integrated Device Technology ADC1443D200HD Datasheet HTML 9Page - Integrated Device Technology ADC1443D200HD Datasheet HTML 10Page - Integrated Device Technology ADC1443D200HD Datasheet HTML 11Page - Integrated Device Technology ADC1443D200HD Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
ADC1443D_SER
© IDT 2012. All rights reserved.
Data sheet
Rev. 3.4 — 10 October 2012
8 of 50
Integrated Device Technology
ADC1443D series
Dual 14-bit ADC; 125, 160 or 200 Msps; JESD204A/B serial outputs
Ptot
total power dissipation
fi = 190 MHz
ADC1443D125;
fs = 125 Msps
-
0.71
0.9
W
ADC1443D160;
fs = 154 Msps
-
0.9
<tbd>
W
ADC1443D200;
fs = 185 Msps
-
1.05
<tbd>
W
Power-down mode
-
10
-
mW
Sleep mode
-
115
-
mW
Clock inputs: pins CLKP and CLKM (AC-coupled; peak-to-peak)
Vi(clk)
clock input voltage
LVPECL
-
±0.8
-
V
LVDS
-
±0.35
-
V
SINE differential
±0.5
±1.5
-
V
LVCMOS single
-
VDDA
-
V
CI
input capacitance
-
1.2
-
pF
Logic inputs
IIL
LOW-level input current
absolute value
-
30
-
µA
IIH
HIGH-level input current
absolute value
-
70
-
µA
CI
input capacitance
-
1.2
-
pF
pins SYSREFP, SYSREFN, SYNCBP, and SYNCBN
Vi(cm)
common-mode input voltage
0.925
1.2
1.475
V
Vi(dif)
differential input voltage
0.2
0.7
-
V
pins SCS_N, SDIO, SCLK, SCR_EN and CFG
VIL
LOW-level input voltage
0
-
0.3VDDO
V
VIH
HIGH-level input voltage
0.7VDDO -
VDDO
V
Logic output: pins CFG and SDIO
VOL
LOW-level output voltage
0
-
0.2
V
VOH
HIGH-level output voltage
VDDO-0.2 -
VDDO
V
Digital outputs: pins CMLAP, CMLAN, CMLBP, and CMLBN
VO(cm)
common-mode output voltage
default current
-
1.4
-
V
VO(dif)
differential output voltage
default current;
peak-to-peak
-
800
-
mV
Analog inputs: pins INP and INM
II
input current
-
±5
-
µA
RI
input resistance
fi = 190 MHz
-
<tbd>
-
CI
input capacitance
fi = 190 MHz
-
5
-
pF
VI(cm)
common-mode input voltage
VINP = VINM
<tbd>
0.9
<tbd>
V
Bi
input bandwidth
-
1
-
GHz
VI(dif)
differential input voltage
peak-to-peak; full-scale
1
-
2
V
Common-mode output voltage: pins VCMA and VCMB
VO(cm)
common-mode output voltage
-
0.9
-
V
IO(cm)
common-mode output current
Tamb = 25 °C
-
-
1
mA
Table 5.
Static characteristics[1] …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - ADC1443D200HD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1443D200HD IDT-ADC1443D200HD Datasheet
1Mb / 49P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B serial outputs
More results

Similar Description - ADC1443D200HD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1443D IDT-ADC1443D Datasheet
1Mb / 49P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B serial outputs
logo
Renesas Technology Corp
ADC1443D RENESAS-ADC1443D Datasheet
4Mb / 53P
   Dual 14-bit ADC; 125, 160 or 185 Msps; JESD204A/B serial outputs
6 June 2014
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S_12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ADC1453D RENESAS-ADC1453D Datasheet
3Mb / 49P
   Dual 14-bit ADC; up to 246 Msps; JESD204B serial outputs
6 June 2014
logo
Intersil Corporation
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA222S RENESAS-ISLA222S Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com