Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCSCS1E106BAR Datasheet(PDF) 1 Page - Samsung semiconductor

Part # TCSCS1E106BAR
Description  Miniaturized Tantalum Chip Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

TCSCS1E106BAR Datasheet(HTML) 1 Page - Samsung semiconductor

  TCSCS1E106BAR Datasheet HTML 1Page - Samsung semiconductor TCSCS1E106BAR Datasheet HTML 2Page - Samsung semiconductor TCSCS1E106BAR Datasheet HTML 3Page - Samsung semiconductor TCSCS1E106BAR Datasheet HTML 4Page - Samsung semiconductor TCSCS1E106BAR Datasheet HTML 5Page - Samsung semiconductor TCSCS1E106BAR Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
16
17
Capacitance
Dissipation Factor (Tan
δ)
Rated Voltage(VR)
Category Voltage(V)
Range
Tolerance
T
≤85℃
85
℃〈 T≤125℃
Surge Voltage(V)
Operating Temperature
T
≤85℃
85
℃〈 T≤125℃
Leakage Current
Refer to Specification
-55
℃ to 125℃
6.3
4.0
8.0
5.0
2.5
1.6
3.1
2
Refer to Specification
0.47
㎌ to 680㎌
±20%(M), ±10%(K)
10.0
6.3
13.0
8.0
16.0
10.0
20.0
13.0
20.0
13.0
25.0
16.0
25.0
16.0
32.0
20.0
35.0
22.0
44.0
28.0
( ): Under Development
0.15
0.22
0.33
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
154
224
334
474
684
105
155
225
335
475
685
106
156
226
336
476
686
107
157
227
337
477
687
4V(0G)
A
A
A
A, B
A, B
A, B
A, B, C
B, C
A, B,C, D
C, D
B, C, D
D
D
2.5V(0E)
B
6.3V(0J)
A
A
A
A, B
A, B
A, B
A, B, C
A, B, C
B, C, D
B, C, D
C, D
C, D
D
D
Cap.(
㎌)
R. V
10V(1A)
A
A
A
A, B
A, B
A, B
A, B, C
A, B, C
A, B, C, D
C, D
(B), C, D
D
D
16V(1C)
A
A
A
A, B
A, B
A, B
B, C
B, C
B, C, D
C, D
C, D
D
D
20V(1D)
A
A
A
A, B
A, B
B
B, C
C
B, C, D
C, D
D
D
D
25V(1E)
A
A
A
A, B
A, B
B
B, C
B, C
C, D
C, D
D
35V(1V)
A
A
A
A, B
B
B
C
C
C, D
C, D
D
D
Miniaturized tantalum chip capacitors with extened capacitance.
(Reduced size 1/2 to 1/3 in comparison with SCN.)
·Molded case available in four case codes.
·New low profile size.
·Compatible with automatic pick and place equipment.
·Meets or exceeds EIA standard 535BAAC.
·Environment-Friendly(Pb-free) tantalum capacitor.
Feature
Specifications
Standard Value and Case Size
SCS
(Miniaturized Tantalum
Chip Capacitors)
Precautions in using
Tantalum Capacitors
4 Characteristics
Explanation
SCN Series
SCS Series
SCS-P Series
SCM Series
SCF Series
SCE Series
Taping
Specification
Marking
Specification
SCL Series
PCS Series
PCL Series


Similar Part No. - TCSCS1E106BAR

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
TCSCS1E106MBAR SAMSUNG-TCSCS1E106MBAR Datasheet
284Kb / 8P
   Manganese Dioxide Type
More results

Similar Description - TCSCS1E106BAR

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
TCSCS1A227MDAR SAMSUNG-TCSCS1A227MDAR Datasheet
215Kb / 6P
   Miniaturized Tantalum Chip Capacitors
TCSCS1A106KAAR SAMSUNG-TCSCS1A106KAAR Datasheet
215Kb / 6P
   Miniaturized Tantalum Chip Capacitors
TCSCS1C105MPAR SAMSUNG-TCSCS1C105MPAR Datasheet
215Kb / 6P
   Miniaturized Tantalum Chip Capacitors
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com