Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA2A Datasheet(PDF) 2 Page - Rohm

Part # FMA2A
Description  Built-In Biasing Resistors, R1 = R2 = 47kW.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMA2A Datasheet(HTML) 2 Page - Rohm

  FMA2A Datasheet HTML 1Page - Rohm FMA2A Datasheet HTML 2Page - Rohm FMA2A Datasheet HTML 3Page - Rohm FMA2A Datasheet HTML 4Page - Rohm FMA2A Datasheet HTML 5Page - Rohm FMA2A Datasheet HTML 6Page - Rohm FMA2A Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
EMA2 / UMA2N / FMA2A
lAbsolute maximum ratings
(Ta = 25°C)
<For Tr1 and Tr2 in common>
Supply voltage
Input voltage
Output current
Collector current
Power dissipation
EMA2 / UMA2N
FMA2A
Junction temperature
Range of storage temperature
lElectrical characteristics
(Ta = 25°C)
<For Tr1 and Tr2 in common>
*1 Characteristics of built-in transistor
*2 Each terminal mounted on a reference footprint
*3 120mW per element must not be exceeded.
*4 200mW per element must not be exceeded.
PD *2
150 (Total) *3
300 (Total) *4
mW
mW
-
-
250
-
MHz
0.8
1
1.2
-
32.9
47
61.1
kW
68
-
-
mA
-
-
-
0.5
m
A
-
-
-
0.18
Unit
-
-
-
0.5
Min.
Typ.
Max.
V
Tj
150
°C
Tstg
-
55 to +150
°C
IC(MAX.)*1
-
100
mA
VIN
-
40 to +10
V
IO
-
30
mA
Parameter
Symbol
Values
Unit
VCC
-
50
V
-
-
0.1
-
0.3
V
-
3
-
-
Transition frequency
fT *1
VCE = -10V, IE = 5mA,
f = 100MHz
VI = -5V
Output current
IO(off)
VCC = -50V, VI = 0V
DC current gain
GI
VO = -5V, IO = -5mA
Input current
II
Input resistance
R1
Parameter
Symbol
Conditions
-
Resistance ratio
R2/R1
-
VCC = -5V, IO = -100mA
VI(on)
VO = -0.3V, IO = -2mA
Output voltage
VO(on)
IO / II = -10mA / -0.5mA
Input voltage
VI(off)
2/6
2012.06 - Rev.B


Similar Part No. - FMA2A

ManufacturerPart #DatasheetDescription
logo
Rohm
FMA2A ROHM-FMA2A Datasheet
73Kb / 3P
   Emitter common (dual digital transistors)
FMA2A ROHM-FMA2A Datasheet
444Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA2A ROHM-FMA2A Datasheet
1Mb / 9P
   Emitter common Dual digital transistors
FMA2AT148 ROHM-FMA2AT148 Datasheet
444Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - FMA2A

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA124EETL ROHM-DTA124EETL Datasheet
279Kb / 11P
   Built-In Biasing Resistors, R1 = R2 = 22k??
DTC143EKAT146 ROHM-DTC143EKAT146 Datasheet
532Kb / 12P
   Built-In Biasing Resistors, R1 = R2 = 4.7kW.
logo
Renesas Technology Corp
BB506C RENESAS-BB506C_11 Datasheet
105Kb / 9P
   Built in Biasing Circuit MOS FET IC
logo
SeCoS Halbleitertechnol...
SMUN52XXDW SECOS-SMUN52XXDW_15 Datasheet
483Kb / 8P
   Built-in Resistors Transistor
SMUN52XXDW SECOS-SMUN52XXDW Datasheet
483Kb / 8P
   Built-in Resistors Transistor
logo
Leshan Radio Company
DTC144EKA LRC-DTC144EKA Datasheet
76Kb / 2P
   Digital transistors(built-in resistors)
logo
Rohm
DTA123EM ROHM-DTA123EM Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
LDTC114EET1 LRC-LDTC114EET1 Datasheet
206Kb / 3P
   Digital transistors (built-in resistors)
logo
KOA Speer Electronics, ...
WF5NC8G100K KOA-WF5NC8G100K Datasheet
257Kb / 2P
   thermal fuse built-in resistors
logo
Tiger Electronic Co.,Lt...
DTA143TM TGS-DTA143TM Datasheet
332Kb / 3P
   Digital transistors (built-in resistors)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com