Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSTD16450GX Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FSTD16450GX
Description  Configurable 4-Bit to 20-Bit Bus Switch with Selectable Level Shifting
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTD16450GX Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FSTD16450GX Datasheet HTML 3Page - Fairchild Semiconductor FSTD16450GX Datasheet HTML 4Page - Fairchild Semiconductor FSTD16450GX Datasheet HTML 5Page - Fairchild Semiconductor FSTD16450GX Datasheet HTML 6Page - Fairchild Semiconductor FSTD16450GX Datasheet HTML 7Page - Fairchild Semiconductor FSTD16450GX Datasheet HTML 8Page - Fairchild Semiconductor FSTD16450GX Datasheet HTML 9Page - Fairchild Semiconductor FSTD16450GX Datasheet HTML 10Page - Fairchild Semiconductor FSTD16450GX Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.fairchildsemi.com
10
Physical Dimensions inches (millimeters) unless otherwise noted
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
Package Number BGA54A
Preliminary


Similar Part No. - FSTD16450GX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTD16211 FAIRCHILD-FSTD16211 Datasheet
322Kb / 7P
   24-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD16211 ONSEMI-FSTD16211 Datasheet
410Kb / 9P
   24-Bit Bus Switch with Level Shifting
Revised April 2005
logo
Fairchild Semiconductor
FSTD16211G FAIRCHILD-FSTD16211G Datasheet
322Kb / 7P
   24-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD16211G ONSEMI-FSTD16211G Datasheet
410Kb / 9P
   24-Bit Bus Switch with Level Shifting
Revised April 2005
logo
Fairchild Semiconductor
FSTD16211MTD FAIRCHILD-FSTD16211MTD Datasheet
322Kb / 7P
   24-Bit Bus Switch with Level Shifting
More results

Similar Description - FSTD16450GX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTD32450 FAIRCHILD-FSTD32450 Datasheet
470Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with Selectable Level Shifting (Preliminary)
FSTUD16450 FAIRCHILD-FSTUD16450_06 Datasheet
425Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16450 FAIRCHILD-FSTUD16450 Datasheet
416Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450 Datasheet
495Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450_06 Datasheet
494Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTD16861 FAIRCHILD-FSTD16861 Datasheet
164Kb / 5P
   20-Bit Bus Switch with Level Shifting
FSTD16861 FAIRCHILD-FSTD16861_05 Datasheet
174Kb / 6P
   20-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD16861 ONSEMI-FSTD16861 Datasheet
273Kb / 8P
   20-Bit Bus Switch with Level Shifting
Revised June 2005
logo
Fairchild Semiconductor
FSTD3125 FAIRCHILD-FSTD3125_05 Datasheet
153Kb / 7P
   4-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD3125 ONSEMI-FSTD3125 Datasheet
617Kb / 10P
   4-Bit Bus Switch with Level Shifting
May 2012 Rev. 1.0.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com