Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5272BCPZ-100-RL7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5272BCPZ-100-RL7
Description  1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5272BCPZ-100-RL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5272BCPZ-100-RL7 Datasheet HTML 5Page - Analog Devices AD5272BCPZ-100-RL7 Datasheet HTML 6Page - Analog Devices AD5272BCPZ-100-RL7 Datasheet HTML 7Page - Analog Devices AD5272BCPZ-100-RL7 Datasheet HTML 8Page - Analog Devices AD5272BCPZ-100-RL7 Datasheet HTML 9Page - Analog Devices AD5272BCPZ-100-RL7 Datasheet HTML 10Page - Analog Devices AD5272BCPZ-100-RL7 Datasheet HTML 11Page - Analog Devices AD5272BCPZ-100-RL7 Datasheet HTML 12Page - Analog Devices AD5272BCPZ-100-RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
AD5272/AD5274
Rev. D | Page 9 of 28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 8.
Parameter
Rating
VDD to GND
–0.3 V to +7.0 V
VSS to GND
+0.3 V to −7.0 V
VDD to VSS
7 V
VA, VW to GND
VSS − 0.3 V, VDD + 0.3 V
Digital Input and Output Voltage to GND
−0.3 V to VDD + 0.3 V
EXT_CAP to VSS
7 V
IA, IW
Continuous
RAW = 20 kΩ
±3 mA
RAW = 50 kΩ, 100 kΩ
±2 mA
Pulsed1
Frequency > 10 kHz
±MCC2/d3
Frequency ≤ 10 kHz
±MCC2/√d3
Operating Temperature Range4
−40°C to +125°C
Maximum Junction Temperature
(TJ Maximum)
150°C
Storage Temperature Range
−65°C to +150°C
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
20 sec to 40 sec
Package Power Dissipation
(TJ max − TA)/θJA
1
Maximum terminal current is bounded by the maximum current handling of
the switches, maximum power dissipation of the package, and maximum
applied voltage across any two of the A and W terminals at a given
resistance.
2
Maximum continuous current
3
Pulse duty factor.
4
Includes programming of 50-TP memory.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is defined by JEDEC specification JESD-51 and the value is
dependent on the test board and test environment.
Table 9. Thermal Resistance
Package Type
θJA1
θJC
Unit
10-Lead LFCSP
50
3
°C/W
10-Lead MSOP
135
N/A
°C/W
1
JEDEC 2S2P test board, still air (0 m/s air flow).
ESD CAUTION


Similar Part No. - AD5272BCPZ-100-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5272 AD-AD5272 Datasheet
720Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
More results

Similar Description - AD5272BCPZ-100-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5272 AD-AD5272 Datasheet
720Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5270 AD-AD5270 Datasheet
725Kb / 24P
   1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Rev. F
AD5175 AD-AD5175 Datasheet
1Mb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
REV. 0
AD5174 AD-AD5174 Datasheet
1,009Kb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
REV. 0
AD5291 AD-AD5291 Datasheet
650Kb / 28P
   256-/1024-Position, DigiPOT Potentiometers with Maximum 짹1% R-Tolerance Error and 20-TP Memory
REV. 0
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com