Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8655 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8655
Description  16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8655 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8655 Datasheet HTML 4Page - Analog Devices AD8655 Datasheet HTML 5Page - Analog Devices AD8655 Datasheet HTML 6Page - Analog Devices AD8655 Datasheet HTML 7Page - Analog Devices AD8655 Datasheet HTML 8Page - Analog Devices AD8655 Datasheet HTML 9Page - Analog Devices AD8655 Datasheet HTML 10Page - Analog Devices AD8655 Datasheet HTML 11Page - Analog Devices AD8655 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD7685
Rev. C | Page 8 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
REF 1
VDD 2
IN+ 3
IN– 4
GND 5
VIO
10
SDI
9
SCK
8
SDO
7
CNV
6
AD7685
TOP VIEW
(Not to Scale)
Figure 5. 10-Lead MSOP Pin Configuration
1
REF
2
VDD
3
IN+
4
IN–
5
GND
10 VIO
9SDI
8SCK
7SDO
6CNV
TOP VIEW
(Not to Scale)
AD7685
NOTES
1. EXPOSED PAD CONNECTED TO GND. THIS
CONNECTION IS NOT REQUIRED TO MEET
THE ELECTRICAL PERFORMANCES.
Figure 6. 10-Lead QFN (LFCSP) Pin Configuration
Table 7. Pin Function Descriptions
Pin No
Mnemonic
Type1
Description
1
REF
AI
Reference Input Voltage. The REF range is from 0.5 V to VDD. It is referred to the GND pin. This pin should
be decoupled closely to the pin with a 10 μF capacitor.
2
VDD
P
Power Supply.
3
IN+
AI
Analog Input. It is referred to IN−. The voltage range, that is, the difference between IN+ and IN−, is 0 V to VREF.
4
IN−
AI
Analog Input Ground Sense. Connect to the analog ground plane or to a remote sense ground.
5
GND
P
Power Supply Ground.
6
CNV
DI
Convert Input. This input has multiple functions. On its leading edge, it initiates the conversions and
selects the interface mode of the part, chain, or CS mode. In CS mode, it enables the SDO pin when low.
In chain mode, the data should be read when CNV is high.
7
SDO
DO
Serial Data Output. The conversion result is output on this pin. It is synchronized to SCK.
8
SCK
DI
Serial Data Clock Input. When the part is selected, the conversion result is shifted out by this clock.
9
SDI
DI
Serial Data Input. This input provides multiple features. It selects the interface mode of the ADC as follows:
Chain mode is selected if SDI is low during the CNV rising edge. In this mode, SDI is used as a data input
to daisy chain the conversion results of two or more ADCs onto a single SDO line. The digital data level
on SDI is output on SDO with a delay of 16 SCK cycles.
CS mode is selected if SDI is high during the CNV rising edge. In this mode, either SDI or CNV can enable
the serial output signals when low, and if SDI or CNV is low when the conversion is complete, the BUSY
indicator feature is enabled.
10
VIO
P
Input/Output Interface Digital Power. Nominally at the same supply as the host interface (1.8 V, 2.5 V, 3 V, or 5 V).
EPAD
Exposed Pad. Exposed pad connected to GND. This connection is not required to meet the electrical
performances.
1AI = analog input, DI = digital input, DO = digital output, and P = power.


Similar Part No. - AD8655

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8655 AD-AD8655 Datasheet
329Kb / 20P
   Low Noise, Precision CMOS Amplifier
REV. A
AD8655 AD-AD8655 Datasheet
1Mb / 24P
   Ultralow Noise Amplifier at Lower Power
REV. B
AD8655ARMZ AD-AD8655ARMZ Datasheet
357Kb / 20P
   Low Noise, Precision CMOS Amplifier
REV. D
AD8655ARMZ-R2 AD-AD8655ARMZ-R2 Datasheet
329Kb / 20P
   Low Noise, Precision CMOS Amplifier
REV. A
AD8655ARMZ-REEL AD-AD8655ARMZ-REEL Datasheet
329Kb / 20P
   Low Noise, Precision CMOS Amplifier
REV. A
More results

Similar Description - AD8655

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7685BRM AD-AD7685BRM Datasheet
641Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7685BRMZ AD-AD7685BRMZ Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7685 AD-AD7685 Datasheet
542Kb / 29P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7694 AD-AD7694_17 Datasheet
360Kb / 17P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7683 AD-AD7683 Datasheet
467Kb / 16P
   16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN
REV. 0
AD7694 AD-AD7694_05 Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7686BRM AD-AD7686BRM Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7694 AD-AD7694 Datasheet
448Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. 0
AD7694ARMZ AD-AD7694ARMZ Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7686CRMZ AD-AD7686CRMZ Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com