Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP184 Datasheet(PDF) 7 Page - Analog Devices

Part # OP184
Description  16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP184 Datasheet(HTML) 7 Page - Analog Devices

Back Button OP184 Datasheet HTML 3Page - Analog Devices OP184 Datasheet HTML 4Page - Analog Devices OP184 Datasheet HTML 5Page - Analog Devices OP184 Datasheet HTML 6Page - Analog Devices OP184 Datasheet HTML 7Page - Analog Devices OP184 Datasheet HTML 8Page - Analog Devices OP184 Datasheet HTML 9Page - Analog Devices OP184 Datasheet HTML 10Page - Analog Devices OP184 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD7685
Rev. C | Page 7 of 28
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Analog Inputs
IN+1, IN−1, REF
GND − 0.3 V to VDD + 0.3 V
or ±130 mA
Supply Voltages
VDD, VIO to GND
−0.3 V to +7 V
VDD to VIO
±7 V
Digital Inputs to GND
−0.3 V to VIO + 0.3 V
Digital Outputs to GND
−0.3 V to VIO + 0.3 V
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
θJA Thermal Impedance
200°C/W (MSOP-10)
θJC Thermal Impedance
44°C/W (MSOP-10)
Lead Temperature
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
1 See the Analog Inputs section.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - OP184

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP184 AD-OP184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP184 AD-OP184 Datasheet
248Kb / 5P
   Technical Article
OP184 AD-OP184 Datasheet
153Kb / 3P
   Low Noise, 12 GHz, Microwave Fractional-N Phase-Locked Loop Using an Active Loop Filter and RF Prescaler
REV. A
More results

Similar Description - OP184

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7685BRM AD-AD7685BRM Datasheet
641Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7685BRMZ AD-AD7685BRMZ Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7685 AD-AD7685 Datasheet
542Kb / 29P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7694 AD-AD7694_17 Datasheet
360Kb / 17P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7683 AD-AD7683 Datasheet
467Kb / 16P
   16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN
REV. 0
AD7694 AD-AD7694_05 Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7686BRM AD-AD7686BRM Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7694 AD-AD7694 Datasheet
448Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. 0
AD7694ARMZ AD-AD7694ARMZ Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7686CRMZ AD-AD7686CRMZ Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com