Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7628TE Datasheet(PDF) 8 Page - Analog Devices

Part # AD7628TE
Description  CMOS Dual 8-Bit Buffered Multiplying DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7628TE Datasheet(HTML) 8 Page - Analog Devices

  AD7628TE Datasheet HTML 1Page - Analog Devices AD7628TE Datasheet HTML 2Page - Analog Devices AD7628TE Datasheet HTML 3Page - Analog Devices AD7628TE Datasheet HTML 4Page - Analog Devices AD7628TE Datasheet HTML 5Page - Analog Devices AD7628TE Datasheet HTML 6Page - Analog Devices AD7628TE Datasheet HTML 7Page - Analog Devices AD7628TE Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD7628
–8–
REV. A
MECHANICAL INFORMATION
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
DIGITALLY CONTROLLED DUAL
TELEPHONE ATTENUATOR
In this configuration, the AD7628 functions as a 2-channel
digitally controlled attenuator; ideal for stereo audio and tele-
phone signal level control applications. Table IV gives input
codes vs. attenuation for a 0 dB to 15.5 dB range.
Input Code = 256
× 10 exp
Attenuation, dB
20


Figure 15. Digitally Controlled Dual Telephone Attenuator
Table IV. Attenuation vs. DAC A, DAC B Code for the
Circuit of Figure 15
DAC Input
Code in
DAC Input
Code in
Attn. dB Code
Decimal Attn. dB
Code
Decimal
0.0
1 1 1 1 1 1 1 1
255
8.0
0 1 1 0 0 1 1 0
102
0.5
1 1 1 1 0 0 1 0
242
8.5
0 1 1 0 0 0 0 0
96
1.0
1 1 1 0 0 1 0 0
228
9.0
0 1 0 1 1 0 1 1
91
1.5
1 1 0 1 0 1 1 1
215
9.5
0 1 0 1 0 1 1 0
86
2.0
1 1 0 0 1 0 1 1
203
10.0
0 1 0 1 0 0 0 1
81
2.5
1 1 0 0 0 0 0 0
192
10.5
0 1 0 0 1 1 0 0
76
3.0
1 0 1 1 0 1 0 1
181
11.0
0 1 0 0 1 0 0 0
72
3.5
1 0 1 0 1 0 1 1
171
11.5
0 1 0 0 0 1 0 0
68
4.0
1 0 1 0 0 0 1 0
162
12.0
0 1 0 0 0 0 0 0
64
4.5
1 0 0 1 1 0 0 0
152
12.5
0 0 1 1 1 1 0 1
61
5.0
1 0 0 1 0 0 0 0
144
13.0
0 0 1 1 1 0 0 1
57
5.5
1 0 0 0 1 0 0 0
136
13.5
0 0 1 1 0 1 1 0
54
6.0
1 0 0 0 0 0 0 0
128
14.0
0 0 1 1 0 0 1
51
6.5
0 1 1 1 0 0 1
121
14.5
0 0 1 1 0 0 0 0
48
7.0
0 1 1 1 0 0 1 0
114
15.0
0 0 1 0 1 1 1 0
46
7.5
0 1 1 0 1 1 0 0
108
15.5
0 0 1 0 1 0 1 1
43
20-Pin Cerdip (Q Suffix)
20-Pin Plastic DIP (N Suffix)
20-Terminal
Leadless Chip
Carrier (E Suffix)
20-Terminal
Plastic Leaded
Chip Carrier (P Suffix)


Similar Part No. - AD7628TE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7628TE AD-AD7628TE Datasheet
193Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
More results

Similar Description - AD7628TE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7528 AD-AD7528 Datasheet
188Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528JP-REEL AD-AD7528JP-REEL Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528 AD-AD7528_15 Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7628 AD-AD7628_15 Datasheet
196Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
5962-87701032A AD-5962-87701032A Datasheet
174Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7628 AD-AD7628 Datasheet
193Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
AD7528JRZ AD-AD7528JRZ Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528JNZ AD-AD7528JNZ Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
5962-8770102RA AD-5962-8770102RA Datasheet
174Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528LRZ AD-AD7528LRZ Datasheet
174Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com