Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7541ASQ Datasheet(PDF) 2 Page - Analog Devices

Part # AD7541ASQ
Description  CMOS 12-Bit Monolithic Multiplying DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7541ASQ Datasheet(HTML) 2 Page - Analog Devices

  AD7541ASQ Datasheet HTML 1Page - Analog Devices AD7541ASQ Datasheet HTML 2Page - Analog Devices AD7541ASQ Datasheet HTML 3Page - Analog Devices AD7541ASQ Datasheet HTML 4Page - Analog Devices AD7541ASQ Datasheet HTML 5Page - Analog Devices AD7541ASQ Datasheet HTML 6Page - Analog Devices AD7541ASQ Datasheet HTML 7Page - Analog Devices AD7541ASQ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
–2–
REV. B
AD7541A–SPECIFICATIONS
TA =TA =
Parameter
Version
+25 CTMIN, TMAX
1
Units
Test Conditions/Comments
ACCURACY
Resolution
All
12
12
Bits
Relative Accuracy
J, A, S
± 1
± 1
LSB max
± 1 LSB = ±0.024% of Full Scale
K, B, T
± 1/2
± 1/2
LSB max
± 1/2 LSB = ± 0.012% of Full Scale
Differential Nonlinearity
J, A, S
± 1
± 1
LSB max
All Grades Guaranteed Monotonic
K, B, T
± 1/2
± 1/2
LSB max
to 12 Bits, TMIN to TMAX.
Gain Error
J, A, S
± 6
± 8
LSB max
Measured Using Internal RFB and Includes
K, B, T
± 3
± 5
LSB max
Effect of Leakage Current and Gain TC.
Gain Error Can Be Trimmed to Zero.
Gain Temperature Coefficient
2
Gain/ Temperature
All
5
5
ppm/
°C max
Typical Value Is 2 ppm/
°C.
Output Leakage Current
OUT1 (Pin 1)
J, K
± 5
± 10
nA max
All Digital Inputs = 0 V.
A, B
± 5
± 10
nA max
S, T
± 5
± 200
nA max
OUT2 (Pin 2)
J, K
± 5
± 10
nA max
All Digital Inputs = VDD.
A, B
± 5
± 10
nA max
S, T
± 5
± 200
nA max
REFERENCE INPUT
Input Resistance (Pin 17 to GND)
All
7–18
7–18
k
Ω min/max
Typical Input Resistance = 11 k
Ω.
Typical Input Resistance Temperature
Coefficient = –300 ppm/
°C.
DIGITAL INPUTS
VIH (Input HIGH Voltage)
All
2.4
2.4
V min
VIL (Input LOW Voltage)
All
0.8
0.8
V max
IIN (Input Current)
All
± 1
± 1
µA max
Logic Inputs Are MOS Gates. IIN typ (25
°C) = 1 nA.
CIN (Input Capacitance)
2
All
8
8
pF max
VIN = 0 V
POWER SUPPLY REJECTION
Gain/ VDD
All
± 0.01
± 0.02
% per % max
VDD =
± 5%
POWER SUPPLY
VDD Range
All
+5 to +16
+5 to +16
V min/V max
Accuracy Is Not Guaranteed Over This Range.
IDD
All
2
2
mA max
All Digital Inputs VIL or VIH.
100
500
µA max
All Digital Inputs 0 V or VDD.
AC PERFORMANCE CHARACTERISTICS
These Characteristics are included for Design Guidance only and are not subject to test. VDD = +15 V, VIN = +10 V except where noted,
OUT1 = 0UT2 = GND = 0 V, Output Amp is AD544 except where noted.
TA =TA =
Parameter
Version
1
+25 CTMIN, TMAX
1
Units
Test Conditions/Comments
PROPAGATION DELAY (From Digital Input
OUT 1 Load = 100
Ω, C
EXT = 13 pF.
Change to 90% of Final Analog Output)
All
100
ns typ
Digital Inputs = 0 V to VDD or VDD to 0 V.
DIGITAL TO ANALOG GLITCH
VREF = 0 V. All digital inputs 0 V to VDD or
IMPULSE
VDD to 0 V.
All
1000
nV-sec typ
Measured using Model 50K as output amplifier.
MULTIPLYING FEEDTHROUGH ERROR
3
(VREF to OUT1)
All
1.0
mV p-p typ
VREF = ± 10 V, 10 kHz sine wave.
OUTPUT CURRENT SETTLING TIME
All
0.6
µs typ
To 0.01% of full-scale range.
OUT 1 Load = 100
Ω, C
EXT = 13 pF.
Digital Inputs = 0 V to VDD or VDD to 0 V.
OUTPUT CAPACITANCE
COUT1 (Pin 1)
All
200
200
pF max
Digital Inputs
COUT2 (Pin 2)
All
70
70
pF max
= VIH
COUT1 (Pin 1)
All
70
70
pF max
Digital Inputs
COUT2 (Pin 2)
All
200
200
pF max
= VIL
NOTES
1Temperature range as follows: J, K versions, 0
°C to +70°C; A, B versions, –25°C to +85°C; S, T versions, –55°C to +125°C.
2Guaranteed by design but not production tested.
3To minimize feedthrough in the ceramic package (Suffix D) the user must ground the metal lid.
Specifications subject to change without notice.
(VDD = +15 V, VREF = +10 V; OUT 1 = OUT 2 = GND = 0 V unless otherwise noted)


Similar Part No. - AD7541ASQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7541ASQ AD-AD7541ASQ Datasheet
227Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541ASQ AD-AD7541ASQ Datasheet
180Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
More results

Similar Description - AD7541ASQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7541AJNZ AD-AD7541AJNZ Datasheet
180Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541A AD-AD7541A Datasheet
227Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541A AD-AD7541A_17 Datasheet
299Kb / 14P
   CMOS, 12-Bit, Monolithic Multiplying DAC
5962-89481022A AD-5962-89481022A Datasheet
230Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541AKNZ AD-AD7541AKNZ Datasheet
230Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541A AD-AD7541A_15 Datasheet
230Kb / 8P
   12-Bit Monolithic Multiplying DAC
REV. B
logo
Sipex Corporation
HS7541A SIPEX-HS7541A Datasheet
110Kb / 7P
   12-Bit CMOS Multiplying DAC
logo
Analog Devices
AD7545 AD-AD7545_17 Datasheet
229Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
logo
Intersil Corporation
AD7545 INTERSIL-AD7545 Datasheet
111Kb / 7P
   12-Bit, Buffered, Multiplying CMOS DAC
August 1997
AD7545 INTERSIL-AD7545_01 Datasheet
271Kb / 8P
   12-Bit, Buffered, Multiplying CMOS DAC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com