Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5648BRUZ-1REEL7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5648BRUZ-1REEL7
Description  Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5648BRUZ-1REEL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5648BRUZ-1REEL7 Datasheet HTML 2Page - Analog Devices AD5648BRUZ-1REEL7 Datasheet HTML 3Page - Analog Devices AD5648BRUZ-1REEL7 Datasheet HTML 4Page - Analog Devices AD5648BRUZ-1REEL7 Datasheet HTML 5Page - Analog Devices AD5648BRUZ-1REEL7 Datasheet HTML 6Page - Analog Devices AD5648BRUZ-1REEL7 Datasheet HTML 7Page - Analog Devices AD5648BRUZ-1REEL7 Datasheet HTML 8Page - Analog Devices AD5648BRUZ-1REEL7 Datasheet HTML 9Page - Analog Devices AD5648BRUZ-1REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD5628/AD5648/AD5668
Data Sheet
Rev. G | Page 6 of 32
A Grade1
B Grade1
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Conditions/Comments
LOGIC INPUTS3
Input Current
±3
±3
µA
All digital inputs
Input Low Voltage, VINL
0.8
0.8
V
VDD = 3 V
Input High Voltage, VINH
2
2
V
VDD = 3 V
Pin Capacitance
3
3
pF
POWER REQUIREMENTS
VDD
2.7
3.6
2.7
3.6
V
All digital inputs at 0 or VDD,
DAC active, excludes load current
IDD (Normal Mode)4
VIH = VDD and VIL = GND
VDD = 2.7 V to 3.6 V
1.0
1.5
1.0
1.5
mA
Internal reference off
VDD = 2.7 V to 3.6 V
1.8
2.25
1.7
2.25
mA
Internal reference on
IDD (All Power-Down Modes)5
VDD = 2.7 V to 3.6 V
0.2
1
0.2
1
µA
VIH = VDD and VIL = GND
1
Temperature range is −40°C to +105°C, typical at 25°C.
2
Linearity calculated using a reduced code range of AD5628 (Code 32 to Code 4064), AD5648 (Code 128 to Code 16256), and AD5668 (Code 512 to 65024). Output
unloaded.
3
Guaranteed by design and characterization; not production tested.
4
Interface inactive. All DACs active. DAC outputs unloaded.
5
All eight DACs powered down.
AC CHARACTERISTICS
VDD = 2.7 V to 5.5 V, RL = 2 kΩ to GND, CL = 200 pF to GND, VREFIN = VDD. All specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter1, 2
Min
Typ
Max
Unit
Conditions/Comments3
Output Voltage Settling Time
2.5
7
µs
¼ to ¾ scale settling to ±2 LSB (16-bit resolution)
Slew Rate
1.2
V/µs
Digital-to-Analog Glitch Impulse
4
nV-s
1 LSB (16-bit resolution) change around major carry
(see Figure 42)
19
nV-s
From code 0xEA00 to code 0xE9FF (16-bit resolution)
Digital Feedthrough
0.1
nV-s
Digital Crosstalk
0.2
nV-s
Analog Crosstalk
0.4
nV-s
DAC-to-DAC Crosstalk
0.8
nV-s
Multiplying Bandwidth
320
kHz
VREF = 2 V ± 0.2 V p-p
Total Harmonic Distortion
−80
dB
VREF = 2 V ± 0.1 V p-p, frequency = 10 kHz
Output Noise Spectral Density
120
nV/√Hz
DAC code = 0x8400(16-bit resolution), 1 kHz
100
nV/√Hz
DAC code = 0x8400(16-bit resolution), 10 kHz
Output Noise
12
μV p-p
0.1 Hz to 10 Hz, DAC code = 0x0000
1
Guaranteed by design and characterization; not production tested.
2
See the Terminology section.
3
Temperature range is −40°C to +105°C, typical at 25°C.


Similar Part No. - AD5648BRUZ-1REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5648BRUZ-1 AD-AD5648BRUZ-1 Datasheet
306Kb / 24P
   Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
Rev. PrA
More results

Similar Description - AD5648BRUZ-1REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5629R AD-AD5629R Datasheet
1Mb / 32P
   Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference
REV. B
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5627R AD-AD5627R_07 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
REV. 0
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
logo
Texas Instruments
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
logo
Analog Devices
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com