Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8346ARU-REEL Datasheet(PDF) 5 Page - Analog Devices

Part # AD8346ARU-REEL
Description  0.8 GHz to 2.5 GHz Quadrature Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8346ARU-REEL Datasheet(HTML) 5 Page - Analog Devices

  AD8346ARU-REEL Datasheet HTML 1Page - Analog Devices AD8346ARU-REEL Datasheet HTML 2Page - Analog Devices AD8346ARU-REEL Datasheet HTML 3Page - Analog Devices AD8346ARU-REEL Datasheet HTML 4Page - Analog Devices AD8346ARU-REEL Datasheet HTML 5Page - Analog Devices AD8346ARU-REEL Datasheet HTML 6Page - Analog Devices AD8346ARU-REEL Datasheet HTML 7Page - Analog Devices AD8346ARU-REEL Datasheet HTML 8Page - Analog Devices AD8346ARU-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD8346
Rev. A | Page 5 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IBBP
QBBP
AD8346
TOP VIEW
(Not to Scale)
IBBN
QBBN
COM1
COM4
COM1
COM4
LOIN
VPS2
LOIP
VOUT
VPS1
COM3
ENBL
COM2
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
Equivalent
Circuit
1
IBBP
I Channel Baseband Positive Input Pin. Input should be dc-biased to approximately 1.2 V.
Nominal characterized ac swing is 1 V p-p (0.7 V to 1.7 V). This makes the differential input
2 V p-p when IBBN is 180 degrees out of phase from IBBP.
Circuit A
2
IBBN
I Channel Baseband Negative Input Pin. Input should be dc-biased to approximately 1.2 V.
Nominal characterized ac swing is 1 V p-p (0.7 V to 1.7 V). This makes the differential input
2 V p-p when IBBN is 180 degrees out of phase from IBBP.
Circuit A
3
COM1
Ground Pin for the LO phase splitter and LO buffers.
4
COM1
Ground Pin for the LO phase splitter and LO buffers.
5
LOIN
LO Negative Input Pin. Internal dc bias (approximately VPS1 to 800 mV) is supplied. This
pin must be ac coupled.
Circuit B
6
LOIP
LO Positive Input Pin. Internal dc bias (approximately VPS1 to 800 mV) is supplied. This pin
must be ac-coupled.
Circuit B
7
VPS1
Power Supply Pin for the bias cell and LO buffers. This pin should be decoupled using
local 100 pF and 0.01 μF capacitors.
8
ENBL
Enable Pin. A high level enables the device; a low level puts the device in sleep mode.
Circuit C
9
COM2
Ground Pin for the input stage of output amplifier.
10
COM3
Ground Pin for the output stage of output amplifier.
11
VOUT
50 Ω DC-Coupled RF Output. User must provide ac coupling on this pin.
Circuit D
12
VPS2
Power Supply Pin for baseband input voltage to current converters and mixer core. This
pin should be decoupled using local 100 pF and 0.01 μF capacitors.
13
COM4
Ground Pin for baseband input voltage to current converters and mixer core.
14
COM4
Ground Pin for baseband input voltage to current converters and mixer core.
15
QBBN
Q Channel Baseband Negative Input. Input should be dc biased to approximately 1.2 V.
Nominal characterized ac swing is 1 V p-p. This makes the differential input 2 V p-p when
QBBN is 180° out of phase from QBBP.
Circuit A
16
QBBP
Q Channel Baseband Positive Input. Input should be dc-biased to approximately 1.2 V.
Nominal characterized ac swing is 1 V p-p. This makes the differential input 2 V p-p when
QBBN is 180° out of phase from QBBP.
Circuit A


Similar Part No. - AD8346ARU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8346ARU-REEL AD-AD8346ARU-REEL Datasheet
190Kb / 12P
   0.8 GHz-2.5 GHz Quadrature Modulator
REV. 0
AD8346ARU-REEL AD-AD8346ARU-REEL Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346ARU-REEL7 AD-AD8346ARU-REEL7 Datasheet
190Kb / 12P
   0.8 GHz-2.5 GHz Quadrature Modulator
REV. 0
AD8346ARU-REEL7 AD-AD8346ARU-REEL7 Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
More results

Similar Description - AD8346ARU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346 AD-AD8346_15 Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346 AD-AD8346 Datasheet
190Kb / 12P
   0.8 GHz-2.5 GHz Quadrature Modulator
REV. 0
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702_07 Datasheet
489Kb / 35P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702_15 TI-TRF3702_15_15 Datasheet
767Kb / 39P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF370317 TI1-TRF370317_15 Datasheet
1Mb / 33P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_08 Datasheet
746Kb / 25P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3701 TI-TRF3701 Datasheet
79Kb / 5P
[Old version datasheet]   0.6 GHz to 1.0 GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_07 Datasheet
659Kb / 26P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com