Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8369ARUZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD8369ARUZ
Description  45 dB Digitally Controlled VGA LF to 600 MHz
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8369ARUZ Datasheet(HTML) 2 Page - Analog Devices

  AD8369ARUZ Datasheet HTML 1Page - Analog Devices AD8369ARUZ Datasheet HTML 2Page - Analog Devices AD8369ARUZ Datasheet HTML 3Page - Analog Devices AD8369ARUZ Datasheet HTML 4Page - Analog Devices AD8369ARUZ Datasheet HTML 5Page - Analog Devices AD8369ARUZ Datasheet HTML 6Page - Analog Devices AD8369ARUZ Datasheet HTML 7Page - Analog Devices AD8369ARUZ Datasheet HTML 8Page - Analog Devices AD8369ARUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
REV. 0
–2–
AD8369–SPECIFICATIONS
(VS = 5 V, T = 25 C, RS = 200
, RL = 1000
, Frequency = 70 MHz, at maximum gain,
unless otherwise noted.)
Parameter
Conditions
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
3 dB Bandwidth
LF
*
600
MHz
GAIN CONTROL INTERFACE
Voltage Gain Span
45
dB
Maximum Gain
All bits high (1 1 1 1)
40
dB
Minimum Gain
All bits low (0 0 0 0)
–5
dB
Gain Step Size
3dB
Gain Step Accuracy
Over entire gain range, with respect to 3 dB step
±0.05
dB
Gain Step Response Time
Step = 3 dB, settling to 10% of final value
30
ns
INPUT STAGE
Input Resistance
From INHI to INLO
200
W
From INHI to COMM, from INLO to COMM
100
W
Input Capacitance
From INHI to INLO
0.1
pF
From INHI to COMM, from INLO to COMM
1.1
pF
Input Noise Spectral Density
2
nV/
÷Hz
Input Common-Mode DC Voltage Measured at pin CMDC
1.7
V
Maximum Linear Input
|VINHI – VINLO| at Minimum Gain
2.2
V
OUTPUT STAGE
Output Resistance
From OPHI to OPLO
200
W
From OPHI to COMM, from OPLO to COMM
100
W
Output Capacitance
From OPHI to OPLO
0.25
pF
From OPHI to COMM, from OPLO to COMM
1.5
pF
Common-Mode DC Voltage
No input signal
VS/2
V
Slew Rate
Output step = 1 V
1200
V/
ms
POWER INTERFACE
Supply Voltage
3.0
5.5
V
Quiescent Current
PWUP high
37
42
mA
vs. Temperature
–40
∞C £ TA £ 85∞C52
mA
Disable Current
PWUP low
400
750
mA
vs. Temperature
–40
∞C £ TA £ 85∞C1
mA
POWER UP INTERFACE
Pin PWUP
Enable Threshold
1.0
V
Disable Threshold
2.2
V
Response Time
Time delay following low to high transition
7
ms
on PWUP until output settles to within 10%
of final value
Input Bias Current
PWUP = 5 V
160
mA
DIGITAL INTERFACE
Pins SENB, BIT0, BIT1, BIT2, BIT3,
and DENB
Low Condition
2.0
V
High Condition
3.0
V
Input Bias Current
Low input
150
mA
Frequency = 10 MHz
Voltage Gain
40.5
dB
Gain Flatness
Within
±10 MHz of 10 MHz
+0.05
*
dB
Noise Figure
7.0
dB
Output IP3
f1 = 9.945 MHz, f2 = 10.550 MHz
+22
dBV rms
+22
dBm
IMD3
f1 = 9.945 MHz, f2 = 10.550 MHz
VOPHI – VOPLO = 1 V p-p composite
–74
dBc
Harmonic Distortion
Second-Order, VOPHI – VOPLO = 1 V p-p
–72
dBc
Third-Order, VOPHI – VOPLO = 1 V p-p
–71
dBc
P1dB
For
±1dB deviation from linear gain
+3
dBV rms
+3
dBm
*The low frequency high-pass corner is determined by the capacitor on pin FILT, C FILT. See the Theory of Operation section for details.


Similar Part No. - AD8369ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8369ARUZ AD-AD8369ARUZ Datasheet
856Kb / 24P
   45 dB Digitally Controlled VGA
AD8369ARUZ-REEL7 AD-AD8369ARUZ-REEL7 Datasheet
856Kb / 24P
   45 dB Digitally Controlled VGA
More results

Similar Description - AD8369ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8369 AD-AD8369 Datasheet
968Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
AD8369 AD-AD8369_15 Datasheet
809Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
AD8369 AD-AD8369_17 Datasheet
856Kb / 24P
   45 dB Digitally Controlled VGA
AD8370-EVALZ AD-AD8370-EVALZ Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8370ARE AD-AD8370ARE Datasheet
1Mb / 28P
   LF to 750 MHz Digitally Controlled VGA
REV. 0
AD8370 AD-AD8370_15 Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8370 AD-AD8370_05 Datasheet
826Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. A
ADL5243 AD-ADL5243 Datasheet
1Mb / 32P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
REV. A
ADL5240 AD-ADL5240_13 Datasheet
1Mb / 28P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
ADL5240 AD-ADL5240 Datasheet
1Mb / 24P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com