Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8346ARUZ-REEL1 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8346ARUZ-REEL1
Description  0.8 GHz to 2.5 GHz Quadrature Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8346ARUZ-REEL1 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8346ARUZ-REEL1 Datasheet HTML 7Page - Analog Devices AD8346ARUZ-REEL1 Datasheet HTML 8Page - Analog Devices AD8346ARUZ-REEL1 Datasheet HTML 9Page - Analog Devices AD8346ARUZ-REEL1 Datasheet HTML 10Page - Analog Devices AD8346ARUZ-REEL1 Datasheet HTML 11Page - Analog Devices AD8346ARUZ-REEL1 Datasheet HTML 12Page - Analog Devices AD8346ARUZ-REEL1 Datasheet HTML 13Page - Analog Devices AD8346ARUZ-REEL1 Datasheet HTML 14Page - Analog Devices AD8346ARUZ-REEL1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD8346
Rev. A | Page 11 of 20
BASIC CONNECTIONS
The basic connections for operating the AD8346 are shown in
Figure 27. A single power supply of between 2.7 V and 5.5 V is
applied to pins VPS1 and VPS2. A pair of ESD protection
diodes are connected internally between VPS1 and VPS2 so
these must be tied to the same potential. Both pins should be
individually decoupled using 100 pF and 0.01 μF capacitors,
located as close as possible to the device. For normal operation,
the enable pin, ENBL, must be pulled high. The turn-on
threshold for ENBL is 2 V. To put the device in its power-down
mode, ENBL must be pulled below 0.5 V. Pins COM1 to COM4
should all be tied to a low impedance ground plane.
The I and Q ports should be driven differentially. This is con-
venient as most modern high speed DACs have differential
outputs. For optimal performance, the drive signal should be a
2 V p-p (differential) signal with a bias level of 1.2 V, that is,
each input swings from 0.7 V to 1.7 V. The I and Q inputs have
input impedances of 12 kΩ. By dc coupling the DAC to the
AD8346 and applying small offset voltages, the LO feedthrough
can be reduced to well below its nominal value of −42 dBm
(see Figure 12).
LO DRIVE
The return loss of the LO port is shown in Figure 18. No add-
itional matching circuitry is required to drive this port from a
50 Ω source. For maximum LO suppression at the output, a
differential LO drive is recommended. In Figure 27, this is
achieved using a balun (M/A-COM Part Number ETC1-1-13).
The output of the balun is ac-coupled to the LO inputs which
have a bias level about 800 mV below supply. An LO drive
level of between −6 dBm and −12 dBm is required. For optimal
performance, a drive level of −10 dBm is recommended,
although a level of −6 dBm results in more stable temperature
performance (see Figure 8). Higher levels degrade linearity
while lower levels tend to increase the noise floor.
LOIP
LOIN
AD8346
100pF
100pF
LO
Figure 26. Single-Ended LO Drive
The LO terminal can be driven single-ended, as shown in
Figure 26 at the expense of slightly higher LO feedthrough.
LOIN is ac coupled to ground using a capacitor and LOIP is
driven through a coupling capacitor from a (single-ended)
50 Ω source (this scheme could also be reversed with LOIP
being ac-coupled to ground).
RF OUTPUT
The RF output is designed to drive a 50 Ω load, but must be ac-
coupled, as shown in Figure 27. If the I and Q inputs are driven
in quadrature by 2 V p-p signals, the resulting output power is
about −10 dBm (see Figure 7 for variations in output power
over frequency).
QBBP
IBBP
AD8346
QBBN
IBBN
COM4
COM1
COM4
COM1
VPS2
LOIN
VOUT
LOIP
COM3
VPS1
COM2
ENBL
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
C4
0.01
μF
C3
100pF
C6
100pF
C7
100pF
T1
ETC1-1-13
1
2
3
5
4
C2
0.01
μF
C1
100pF
C5
100pF
IP
IN
LO
+VS
QP
QN
+VS
VOUT
Figure 27. Basic Connections


Similar Part No. - AD8346ARUZ-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8346ARUZ-REEL1 AD-AD8346ARUZ-REEL1 Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
More results

Similar Description - AD8346ARUZ-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346 AD-AD8346_15 Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346 AD-AD8346 Datasheet
190Kb / 12P
   0.8 GHz-2.5 GHz Quadrature Modulator
REV. 0
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702_07 Datasheet
489Kb / 35P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702_15 TI-TRF3702_15_15 Datasheet
767Kb / 39P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF370317 TI1-TRF370317_15 Datasheet
1Mb / 33P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_08 Datasheet
746Kb / 25P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3701 TI-TRF3701 Datasheet
79Kb / 5P
[Old version datasheet]   0.6 GHz to 1.0 GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_07 Datasheet
659Kb / 26P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com