Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG734BRUZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADG734BRUZ
Description  CMOS, 2.5  Low Voltage, Triple/Quad SPDT Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG734BRUZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG734BRUZ Datasheet HTML 4Page - Analog Devices ADG734BRUZ Datasheet HTML 5Page - Analog Devices ADG734BRUZ Datasheet HTML 6Page - Analog Devices ADG734BRUZ Datasheet HTML 7Page - Analog Devices ADG734BRUZ Datasheet HTML 8Page - Analog Devices ADG734BRUZ Datasheet HTML 9Page - Analog Devices ADG734BRUZ Datasheet HTML 10Page - Analog Devices ADG734BRUZ Datasheet HTML 11Page - Analog Devices ADG734BRUZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
REV. A
ADG733/ADG734
–11–
16-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-16)
Dimensions shown in millimeters
16
9
8
1
PIN 1
SEATING
PLANE
8
0
4.50
4.40
4.30
6.40
BSC
5.10
5.00
4.90
0.65
BSC
0.15
0.05
1.20
MAX
0.20
0.09
0.75
0.60
0.45
0.30
0.19
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153AB
OUTLINE DIMENSIONS
20-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-20)
Dimensions shown in millimeters
20
1
11
10
6.40 BSC
4.50
4.40
4.30
PIN 1
6.60
6.50
6.40
SEATING
PLANE
0.15
0.05
0.30
0.19
0.65
BSC
1.20
MAX
0.20
0.09
0.75
0.60
0.45
8
0
COMPLIANT TO JEDEC STANDARDS MO-153AC
COPLANARITY
0.10
16-Lead SOIC, 0.025 Lead Pitch [QSOP]
(RQ-16)
Dimensions shown in inches
16
9
8
1
0.197
0.189
0.236
BSC
PIN 1
0.154
BSC
SEATING
PLANE
0.010
0.004
0.012
0.008
0.025
BSC
0.010
0.006
0.050
0.016
8
0
COPLANARITY
0.004
0.065
0.049
0.069
0.053
COMPLIANT TO JEDEC STANDARDS MO-137AB


Similar Part No. - ADG734BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG734BRU AD-ADG734BRU Datasheet
177Kb / 11P
   CMOS, 2.5 ohm Low Voltage, Triple/Quad SPDT Switches
REV. 0
ADG734BRU AD-ADG734BRU Datasheet
314Kb / 12P
   CMOS, 2.5  Low Voltage, Triple/Quad SPDT Switches
REV. A
ADG734BRU AD-ADG734BRU Datasheet
369Kb / 12P
   CMOS, 2.5  Low Voltage Triple/Quad SPDT Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com