Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL312ACPZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADXL312ACPZ
Description  3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL312ACPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADXL312ACPZ Datasheet HTML 4Page - Analog Devices ADXL312ACPZ Datasheet HTML 5Page - Analog Devices ADXL312ACPZ Datasheet HTML 6Page - Analog Devices ADXL312ACPZ Datasheet HTML 7Page - Analog Devices ADXL312ACPZ Datasheet HTML 8Page - Analog Devices ADXL312ACPZ Datasheet HTML 9Page - Analog Devices ADXL312ACPZ Datasheet HTML 10Page - Analog Devices ADXL312ACPZ Datasheet HTML 11Page - Analog Devices ADXL312ACPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADXL312
Rev. 0 | Page 8 of 32
0
10
20
40
60
30
50
70
SENSITIVITY (LSB/g)
Figure 9. X-Axis Sensitivity, VS = VDD I/O = 3.3 V, 25°C
0
10
20
40
60
30
50
70
SENSITIVITY (LSB/g)
Figure 10. Y-Axis Sensitivity, VS = VDD I/O = 3.3 V, 25°C
0
10
20
40
60
30
50
70
SENSITIVITY (LSB/g)
Figure 11. Z-Axis Sensitivity, VS = VDD I/O = 3.3 V, 25°C
0
5
10
20
15
25
30
SENSITIVITY TEMPERATURE COEFFICIENT (%/°C)
Figure 12. X-Axis Sensitivity Temperature Coefficient, VS = VDD I/O = 3.3 V
0
5
10
20
15
25
35
30
SENSITIVITY TEMPERATURE COEFFICIENT (%/°C)
Figure 13. Y-Axis Sensitivity Temperature Coefficient, VS = VDD I/O = 3.3 V
0
5
10
20
15
25
35
30
SENSITIVITY TEMPERATURE COEFFICIENT (%/°C)
Figure 14. Z-Axis Sensitivity Temperature Coefficient, VS = VDD I/O = 3.3 V


Similar Part No. - ADXL312ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL312ACPZ AD-ADXL312ACPZ Datasheet
507Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
Rev. B
ADXL312ACPZ-RL AD-ADXL312ACPZ-RL Datasheet
507Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
Rev. B
More results

Similar Description - ADXL312ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL312 AD-ADXL312_V01 Datasheet
507Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
Rev. B
ADXL312 AD-ADXL312 Datasheet
434Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
REV. 0
logo
Freescale Semiconductor...
MMA6280QT FREESCALE-MMA6280QT_08 Datasheet
191Kb / 13P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6270Q FREESCALE-MMA6270Q Datasheet
129Kb / 8P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6270QT FREESCALE-MMA6270QT_07 Datasheet
326Kb / 12P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6270QT FREESCALE-MMA6270QT Datasheet
281Kb / 11P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA6270QT NXP-MMA6270QT Datasheet
242Kb / 12P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
Rev 4, 04/2008
logo
Freescale Semiconductor...
MMA6280QT FREESCALE-MMA6280QT Datasheet
326Kb / 12P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6270QT FREESCALE-MMA6270QT_08 Datasheet
192Kb / 12P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA6280QT NXP-MMA6280QT Datasheet
245Kb / 13P
   짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
Rev 4, 04/2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com