Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8881IDGS Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8881IDGS
Description  18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8881IDGS Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS8881IDGS Datasheet HTML 2Page - Texas Instruments ADS8881IDGS Datasheet HTML 3Page - Texas Instruments ADS8881IDGS Datasheet HTML 4Page - Texas Instruments ADS8881IDGS Datasheet HTML 5Page - Texas Instruments ADS8881IDGS Datasheet HTML 6Page - Texas Instruments ADS8881IDGS Datasheet HTML 7Page - Texas Instruments ADS8881IDGS Datasheet HTML 8Page - Texas Instruments ADS8881IDGS Datasheet HTML 9Page - Texas Instruments ADS8881IDGS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
œœ
œœ
œœ
D17
D16
D1
D0
1
2
17
18
D2
D15
16
DOUT
SCLK
DIN
3
CONVST
1/fsample
tACQ
tconv-max
td-DI-DO
twl-CNV
tsu-DI-CNV
td-DI-DOhz
twh-DI-min
ADS8881
SBAS547A – MAY 2013 – REVISED JULY 2013
www.ti.com
4-WIRE OPERATION
Figure 2. 4-Wire Operation: DIN Functions as Chip Select
NOTE
Figure 2 shows the timing diagram for the 4-Wire CS Mode Without a Busy Indicator
interface option. However, the timing parameters specified in Table 2 are also applicable
for the 4-Wire CS Mode With a Busy Indicator interface option, unless otherwise specified.
Refer to the Digital Interface section for specific details for each interface option.
Table 2. TIMING REQUIREMENTS: 4-Wire Operation(1)
PARAMETER
MIN
TYP
MAX
UNIT
tACQ
Acquisition time
290
ns
tconv
Conversion time
500
710
ns
1/fsample
Time between conversions
1000
ns
twh-DI
Pulse duration: DIN high
10
ns
twl-CNV
Pulse width: CONVST low
20
ns
td-DI-DO
Delay time: DIN low to MSB valid
12.3
ns
td-DI-DOhz
Delay time: DIN high or last SCLK falling edge to DOUT 3-state
13.2
ns
tsu-DI-CNV
Setup time: DIN high to CONVST rising edge
7.5
ns
th-DI-CNV
Hold time: DIN high from CONVST rising edge (see Figure 62)
0
ns
(1)
All specifications are at TA = –40°C to +85°C, AVDD = 3 V, and DVDD = 3 V, unless otherwise noted.
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS8881


Similar Part No. - ADS8881IDGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8881IDGS TI1-ADS8881IDGS Datasheet
1Mb / 57P
[Old version datasheet]   Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881IDGSR TI1-ADS8881IDGSR Datasheet
1Mb / 57P
[Old version datasheet]   Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results

Similar Description - ADS8881IDGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8881C TI1-ADS8881C Datasheet
1Mb / 57P
[Old version datasheet]   ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8861IDGS TI1-ADS8861IDGS Datasheet
1Mb / 48P
[Old version datasheet]   16-Bit 1-MSPS Serial Interface microPower Miniature True-Differential Input SAR Analog-to-Digital Converter
ADS8861 TI1-ADS8861_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881C TI1-ADS8881C_15 Datasheet
1Mb / 57P
[Old version datasheet]   Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8887IDRCT TI-ADS8887IDRCT Datasheet
1Mb / 44P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8883 TI1-ADS8883_14 Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8887 TI1-ADS8887_14 Datasheet
1Mb / 45P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature True-Differential Input, SAR Analog-to-Digital Converter
ADS8885 TI1-ADS8885_14 Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8865 TI1-ADS8865_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8863 TI1-ADS8863_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com