Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSTU16861MTD Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSTU16861MTD
Description  20-Bit Bus Switch with -2V Undershoot Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTU16861MTD Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSTU16861MTD Datasheet HTML 1Page - Fairchild Semiconductor FSTU16861MTD Datasheet HTML 2Page - Fairchild Semiconductor FSTU16861MTD Datasheet HTML 3Page - Fairchild Semiconductor FSTU16861MTD Datasheet HTML 4Page - Fairchild Semiconductor FSTU16861MTD Datasheet HTML 5Page - Fairchild Semiconductor FSTU16861MTD Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 7: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical On
Resistance of the switch and the 50pF load capacitance, when driven by an ideal voltage source (zero output impedance).
Capacitance (Note 8)
Note 8: TA = +25°C, f = 1 MHz, Capacitance is characterized but not tested.
Undershoot Characteristic (Note 9)
Note 9: This test is intended to characterize the device’s protective capabilities by maintaining output signal integrity during an input transient voltage
undershoot event.
FIGURE 1.
Device Test Conditions
Transient
Input Voltage (VIN) Waveform
Symbol
Parameter
TA = −40 °C to +85 °C,
Units
Conditions
CL = 50pF, RU = RD = 500Ω
Figure
VCC = 4.5 – 5.5V
VCC = 4.0V
Number
Min
Max
Min
Max
tPHL, tPLH
Propagation Delay Bus-to-Bus
(Note 7)
0.25
0.25
ns
VI = OPEN
Figures
2, 3
tPZH, tPZL
Output Enable Time
1.0
5.9
6.4
ns
VI = 7V for tPZL
Figures
2, 3
VI = OPEN for tPZH
tPHZ, tPLZ
Output Disable Time
1.0
6.9
7.4
ns
VI = 7V for tPLZ
Figures
2, 3
VI = OPEN for tPHZ
Symbol
Parameter
Typ
Max
Units
Conditions
CIN
Control Pin Input Capacitance
3
pF
VCC = 5.0V, VIN = 0V
CI/O
Input/Output Capacitance “OFF State”
6pF
VCC, OE = 5.0V, VIN = 0V
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VOUTU
Output Voltage During Undershoot
2.5
VOH - 0.3
V
Figure 1
Parameter
Value
Units
VIN
see Waveform
V
R1 = R2
100K
VTRI
11.0
V
VCC
5.5
V


Similar Part No. - FSTU16861MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTU16862 FAIRCHILD-FSTU16862 Datasheet
240Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862 Datasheet
248Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862MTD FAIRCHILD-FSTU16862MTD Datasheet
240Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862MTD FAIRCHILD-FSTU16862MTD Datasheet
248Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862QSP FAIRCHILD-FSTU16862QSP Datasheet
240Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
More results

Similar Description - FSTU16861MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTU16862 FAIRCHILD-FSTU16862_06 Datasheet
248Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862 Datasheet
240Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU32X384 FAIRCHILD-FSTU32X384 Datasheet
241Kb / 6P
   20-Bit Low Power Bus Switch with -2V Undershoot Protection
FSTU3125 FAIRCHILD-FSTU3125 Datasheet
136Kb / 7P
   4-Bit Bus Switch with -2V Undershoot Protection
FSTU16245 FAIRCHILD-FSTU16245 Datasheet
190Kb / 6P
   16-Bit Bus Switch with -2V Undershoot Protection
FSTU32X800 FAIRCHILD-FSTU32X800 Datasheet
194Kb / 5P
   20-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection
FSTU16211 FAIRCHILD-FSTU16211 Datasheet
211Kb / 6P
   24-Bit Bus Switch with .2V Undershoot Protection (Preliminary)
FSTU3384 FAIRCHILD-FSTU3384 Datasheet
99Kb / 5P
   10-Bit Bus Switch with -2V Undershoot Hardened Circuit (UHC?? Protection
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
FSTU32160 FAIRCHILD-FSTU32160 Datasheet
96Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com