Electronic Components Datasheet Search |
|
AD737 Datasheet(PDF) 3 Page - Analog Devices |
|
AD737 Datasheet(HTML) 3 Page - Analog Devices |
3 / 24 page Data Sheet AD737 Rev. I | Page 3 of 24 SPECIFICATIONS TA = 25°C, ±VS = ±5 V except as noted, CAV = 33 µF, CC = 10 µF, f = 1 kHz, sine wave input applied to Pin 2, unless otherwise specified. Specifications shown in boldface are tested on all production units at final electrical test. Results from these tests are used to calculate outgoing quality levels. Table 1. Parameter Test Conditions/ Comments AD737A, AD737J AD737K AD737J-5 Unit Min Typ Max Min Typ Max Min Typ Max ACCURACY Total Error EIN = 0 to 200 mV rms 0.2/0.3 0.4/0.5 0.2/0.2 0.2/0.3 ±mV/±POR1 ±VS = ±2.5 V 0.2/0.3 0.4/0.5 ±mV/±POR1 ±VS = ±2.5 V, input to Pin 1 0.2/0.3 0.4/0.5 ±mV/±POR1 EIN = 200 mV to 1 V rms −1.2 ±2.0 −1.2 ±2.0 POR Over Temperature JN, JR, KR EIN = 200 mV rms, ±VS = ±2.5 V 0.007 0.007 0.02 ±POR/°C AN and AR EIN = 200 mV rms, ±VS = ±2.5 V 0.014 0.014 ±POR/°C vs. Supply Voltage EIN = 200 mV rms, ±VS = ±2.5 V to ±5 V 0 −0.18 −0.3 0 −0.18 −0.3 0 −0.18 −0.3 %/V EIN = 200 mV rms, ±VS = ±5 V to ±16.5 V 0 0.06 0.1 0 0.06 0.1 0 0.06 0.1 %/V DC Reversal Error DC-coupled, VIN = 600 mV dc 1.3 2.5 1.3 2.5 POR ±VS = ±2.5 V VIN = 200 mV dc 1.7 2.5 POR Nonlinearity2 EIN = 0 mV to 200 mV rms, @ 100 mV rms 0 0.25 0.35 0 0.25 0.35 POR Input to Pin 13 AC coupled, EIN = 100 mV rms, after correction, ±VS = ±2.5 V 0.02 0.1 POR Total Error, External Trim EIN = 0 mV to 200 mV rms 0.1/0.2 0.1/0.2 0.1/0.2 ±mV/±POR ADDITIONAL CREST FACTOR ERROR4 For Crest Factors from 1 to 3 CAV = CF = 100 µF 0.7 0.7 % CAV = 22 µF, CF = 100 µF, ±VS = ±2.5 V, input to Pin 1 1.7 % For Crest Factors from 3 to 5 CAV = CF = 100 µF 2.5 2.5 % INPUT CHARACTERISTICS High-ZInput (Pin 2) Signal Range Continuous RMS Level ±VS = +2.5 V 200 mV rms ±VS = +2.8 V/−3.2 V 200 200 mV rms ±VS = ±5 V to ±16.5 V 1 1 V rms |
Similar Part No. - AD737_12 |
|
Similar Description - AD737_12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |