Electronic Components Datasheet Search |
|
V23079-G2002-B301 Datasheet(PDF) 2 Page - Tyco Electronics |
|
V23079-G2002-B301 Datasheet(HTML) 2 Page - Tyco Electronics |
2 / 8 page 01-2013, Rev. 0113 www.te.com © 2013 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 2 AXICOM Signal Relays P2 Relay V23079 (Continued) Insulation Data Standard HDV Initial dielectric strength between open contacts 1000Vrms 1500Vrms between contact and coil 1500Vrms 1500Vrms between adjacent contacts 1000 Vrms 1500Vrms Initial surge withstand voltage according to Telcordia TR-NWT-001089 (2/10μs) between open contacts 2000V 2500V between contact and coil 2500V 2500V between adjacent contacts 2500V 2500V according to (10/700 μs IEC 60950) between open contacts 2000V 2500V between contact and coil 2500V 2500V between adjacent contacts 2500V 2500V Initial insulation resistance at 500 Vdc > 109Ω Capacitance between open contacts max. 1pF between contact and coil max. 2pF between adjacent contacts max. 1.5pF Clearance /creepage according to IEC / EN 60950 1.3/2.5mm Other Data Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content refer to the Product Compliance Support Center at www.te.com/customersupport/rohssupportcenter Ambient temperature -40 to +85°C Category of environmental protection IEC 61810 RT III - wash tight Degree of protection, IEC 60529 IP 67 Vibration resistance (functional) 35g, 10 to 1000Hz Shock resistance (functional) IEC 60068-2-27 (half sine) 50g Terminal type PCB-THT, SMT long and short terminals Weight max. 2.8 g Resistance to soldering heat THT IEC 60068-2-20 265°C/10s Moisture sensitive level, JEDEC J-Std-020D MSL3 Ultrasonic cleaning not recommended Packaging/unit THT box/2000 pcs. SMT reel/2000 pcs. or 2500 pcs. Coil Data (continued) Coil versions, bistable Coil Rated Set Limiting Reset Coil Rated coil code voltage voltage Voltage voltage resistance power VDC VDC VDC VDC Ω±10% mW Bistable, 1 coil 108 3.00 2.25 9.2 -2.25 128 70 111 4.50 3.38 13.85 -3.38 289 70 101 5.00 3.75 15.33 -3.75 357 70 102 6.00 4.50 18.5 -4.50 514 70 106 9.00 6.75 27.75 -6.75 1157 70 103 12.00 9.00 37 -9.00 2057 70 105 24.00 18.00 74 -18.00 8228 70 Bistable, 2 coil 219 2.00 1.50 4.33 1.50 28 140 218 2.40 1.80 5.2 1.80 41 140 208 3.00 2.25 6.5 2.25 64 140 211 4.50 3.38 9.8 3.38 145 140 201 5.00 3.75 10.9 3.75 178 140 202 6.00 4.50 13 4.50 257 140 206 9.00 6.75 19.6 6.75 578 140 203 12.00 9.00 26.15 9.00 1029 140 205 24.00 18.00 52.3 18.00 4114 140 All figures are given for coil without pre-energization, at ambient temperature +23°C. Other coil voltages on request. Coil versions, high dielectric version, monostable, overmolded Coil Rated Operate Limiting Release Coil Rated coil code voltage voltage Voltage Voltage resistance power VDC VDC VDC VDC Ω±10% mW 008 3.00 2.25 6.1 0.30 45 200 001 5.00 3.75 10.1 0.50 125 200 002 6.00 4.50 12.1 0.60 180 200 006 9.00 6.75 18.2 0.90 405 200 003 12.00 9.00 24.2 1.20 720 200 All figures are given for coil without pre-energization, at ambient temperature +23°C. Other coil voltages on request. 108-98002 Rev. E All specifications subject to change. Consult Tyco Electronics for latest specifications. 5 of 15 Telecom-, Signal and RF Relays P2 V23079 Relay AXICOM Coil Operating Range Unom = Nominal coil voltage Umax. = Upper limit of the operative range of the coil voltage (limiting voltage) when coils are continously energized Uop. min. = Lower limit of the operative range of the coil voltage (reliable operate voltage) For latching relays Uset min. resp. Ureset min. Urel. min. = Lower limit of the operative range of the coil voltage (reliable release voltage) 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 3.2 3.4 -40-30 -20-10 0102030405060708090 100 110 120 130 140 Uop. min. Umax. at 0 A Umax. at 2 x 2 A Umax. at 2 x 1 A 70 mW Unom. nominal coil voltage Ambient Temperature [°C] 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 -40-30 -20-10 0102030405060708090 100 110 120 130 140 Ambient Temperature [°C] 140 mW Umax. at 0 A Umax. at 2 x 2 A Umax. at 2 x 1 A Unom. nominal coil voltage Uop. min. Urel. min. 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 -40-30 -20-10 0102030405060708090 100 110 120 130 140 Ambient Temperature [°C] 200 mW Umax. at 0 A Umax. at 2 x 2 A Umax. at 2 x 1 A Unom. nominal coil voltage Uop. min. Urel. min. 108-98002 Rev. E All specifications subject to change. Consult Tyco Electronics for latest specifications. 5 of 15 Telecom-, Signal and RF Relays P2 V23079 Relay AXICOM Coil Operating Range Unom = Nominal coil voltage Umax. = Upper limit of the operative range of the coil voltage (limiting voltage) when coils are continously energized Uop. min. = Lower limit of the operative range of the coil voltage (reliable operate voltage) For latching relays Uset min. resp. Ureset min. Urel. min. = Lower limit of the operative range of the coil voltage (reliable release voltage) 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 3.2 3.4 -40-30 -20-10 0102030405060708090 100 110 120 130 140 Uop. min. Umax. at 0 A Umax. at 2 x 2 A Umax. at 2 x 1 A 70 mW Unom. nominal coil voltage Ambient Temperature [°C] 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 -40-30 -20-10 0102030405060708090 100 110 120 130 140 Ambient Temperature [°C] 140 mW Umax. at 0 A Umax. at 2 x 2 A Umax. at 2 x 1 A Unom. nominal coil voltage Uop. min. Urel. min. 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 -40-30 -20-10 0102030405060708090 100 110 120 130 140 Ambient Temperature [°C] 200 mW Umax. at 0 A Umax. at 2 x 2 A Umax. at 2 x 1 A Unom. nominal coil voltage Uop. min. Urel. min. |
Similar Part No. - V23079-G2002-B301 |
|
Similar Description - V23079-G2002-B301 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |