Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSTU3253MTC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSTU3253MTC
Description  Dual 4:1 Multiplexer/Demultiplexer Bus Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTU3253MTC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSTU3253MTC Datasheet HTML 1Page - Fairchild Semiconductor FSTU3253MTC Datasheet HTML 2Page - Fairchild Semiconductor FSTU3253MTC Datasheet HTML 3Page - Fairchild Semiconductor FSTU3253MTC Datasheet HTML 4Page - Fairchild Semiconductor FSTU3253MTC Datasheet HTML 5Page - Fairchild Semiconductor FSTU3253MTC Datasheet HTML 6Page - Fairchild Semiconductor FSTU3253MTC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 6: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical On
resistance of the switch and the 50pF load capacitance, when driven by an ideal voltage the source (zero output impedance).
Capacitance (Note 7)
Note 7: TA = +25°C, f = 1 MHz, Capacitance is characterized but not tested.
Undershoot Characteristic (Note 8)
Note 8: This test is intended to characterize the device’s protective capabilities by maintaining output signal integrity during an input transient voltage
undershoot event.
FIGURE 1.
Device Test Conditions
Transient
Input Voltage (VIN) Waveform
Symbol
Parameter
TA = −40 °C to +85 °C
CL = 50pF, RU = RD = 500Ω
Units
Conditions
Figure
Number
VCC = 4.5 – 5.5V
VCC = 4.0V
Min
Max
Min
Max
tPHL, tPLH
Propagation Delay Bus to Bus (Note 6)
0.25
0.25
ns
VI = OPEN
Figures
2, 3
Propagation Delay, Select to Bus A
0.5
5.7
6.2
tPZH, tPZL
Output Enable Time, Select to Bus B
0.5
5.7
6.3
ns
VI = 7V for tPZL
Figures
2, 3
Output Enable Time, IOE to Bus A, B
0.5
4.9
5.4
VI = OPEN for tPZH
tPHZ, tPLZ
Output Disable Time, Select to Bus B
0.5
6.2
6.3
ns
VI = 7V for tPLZ
Figures
2, 3
Output Disable Time, IOE to Bus A, B
0.5
6.0
6.1
VI = OPEN for tPHZ
Symbol
Parameter
Typ
Max
Units
Conditions
CIN
Control Pin Input Capacitance
3
pF
VCC = 5.0V
CI/O
A Port
Input/Output Capacitance
13
pF
VCC, OE = 5.0V
B Port
5
pF
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VOUTU
Output Voltage During Undershoot
2.5
VOH - 0.3
V
Figure 1
Parameter
Value
Units
VIN
see Waveform
V
R1 = R2
100K
VTRI
11.0
V
VCC
5.5
V


Similar Part No. - FSTU3253MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTU3257 FAIRCHILD-FSTU3257 Datasheet
89Kb / 7P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection
FSTU3257 FAIRCHILD-FSTU3257 Datasheet
200Kb / 6P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch with 2V Undershoot Protection
FSTU3257M FAIRCHILD-FSTU3257M Datasheet
89Kb / 7P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection
FSTU3257M FAIRCHILD-FSTU3257M Datasheet
200Kb / 6P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch with 2V Undershoot Protection
FSTU3257MTC FAIRCHILD-FSTU3257MTC Datasheet
89Kb / 7P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection
More results

Similar Description - FSTU3253MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST3253MTCX FAIRCHILD-FST3253MTCX Datasheet
146Kb / 5P
   Dual 4:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
FST3253 ONSEMI-FST3253 Datasheet
240Kb / 7P
   Dual 4:1 Multiplexer/Demultiplexer Bus Switch
Revised December 1999
logo
Fairchild Semiconductor
FST3253 FAIRCHILD-FST3253 Datasheet
138Kb / 5P
   Dual 4:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
74FST3253 ONSEMI-74FST3253 Datasheet
85Kb / 8P
   Dual 4:1 Multiplexer/ Demultiplexer Bus Switch
January, 2005 ??Rev. 2
74FST3253 ONSEMI-74FST3253_06 Datasheet
182Kb / 7P
   Dual 4:1 Multiplexer/Demultiplexer Bus Switch
June, 2006 ??Rev. 4
logo
Fairchild Semiconductor
NC7SB3257 FAIRCHILD-NC7SB3257_05 Datasheet
190Kb / 10P
   2:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
74FST3251 ONSEMI-74FST3251 Datasheet
86Kb / 8P
   8:1 Multiplexer/Demultiplexer Bus Switch
January, 2002 ??Rev. 1
NC7SB3257 ONSEMI-NC7SB3257 Datasheet
280Kb / 7P
   2:1 Multiplexer/Demultiplexer Bus Switch
May 2016 Rev. 1.13
74FST3251 ONSEMI-74FST3251_06 Datasheet
200Kb / 7P
   8:1 Multiplexer/ Demultiplexer Bus Switch
June, 2006 ??Rev. 3
74FST3257 ONSEMI-74FST3257_18 Datasheet
99Kb / 8P
   Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
May, 2018 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com