Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23079-J1102-B301 Datasheet(PDF) 7 Page - Tyco Electronics

Part # V23079-J1102-B301
Description  Signal Relays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23079-J1102-B301 Datasheet(HTML) 7 Page - Tyco Electronics

  V23079-J1102-B301 Datasheet HTML 1Page - Tyco Electronics V23079-J1102-B301 Datasheet HTML 2Page - Tyco Electronics V23079-J1102-B301 Datasheet HTML 3Page - Tyco Electronics V23079-J1102-B301 Datasheet HTML 4Page - Tyco Electronics V23079-J1102-B301 Datasheet HTML 5Page - Tyco Electronics V23079-J1102-B301 Datasheet HTML 6Page - Tyco Electronics V23079-J1102-B301 Datasheet HTML 7Page - Tyco Electronics V23079-J1102-B301 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
01-2013, Rev. 0113
www.te.com
© 2013 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
7
AXICOM
Signal Relays
P2 Relay V23079 (Continued)
Product code
Version
Coil design
Coil type
Coil voltage
Part number
V23079-D1006-B301
9VDC
5-1393788-9
V23079-D1005-B301
24VDC
5-1393788-8
V23079-D2008-B301
Overmolded
3VDC
4-1393789-7
V23079-D2011-B301
4.5VDC
4-1393789-8
V23079-D2001-B301
5VDC
4-1393789-3
V23079-D2002-B301
6VDC
4-1393789-4
V23079-D2006-B301
9VDC
4-1393789-6
V23079-D2003-B301
12VDC
4-1393789-5
V23079-E1219-B301
Standard
Bistable, 2 coils
2VDC
1-1422007-0
V23079-E1218-B301
2.4VDC
1422007-5
V23079-E1208-B301
3VDC
7-1393788-1
V23079-E1211-B301
4.5VDC
7-1393788-2
V23079-E1201-B301
5VDC
6-1393788-8
V23079-E1202-B301
6VDC
1393789-5
V23079-E1206-B301
9VDC
1393789-9
V23079-E1203-B301
12VDC
6-1393788-9
V23079-E1205-B301
24VDC
7-1393788-0
V23079-E2219-B301
Overmolded
2VDC
1422007-6
V23079-E2201-B301
5VDC
1422007-7
V23079-E2208-B301
3VDC
1422007-8
V23079-E2218-B301
2.4VDC
1422007-9
V23079-F1108-B301
Standard
Bistable, 1 coil
3VDC
7-1393788-5
V23079-F1111-B301
4.5VDC
1-1393789-4
V23079-F1101-B301
5VDC
7-1393788-3
V23079-F1102-B301
6VDC
1-1393789-0
V23079-F1106-B301
9VDC
1-1393789-2
V23079-F1103-B301
12VDC
7-1393788-4
V23079-F1105-B301
24VDC
1-1393789-1
V23079-G1005-B301
SMT, short pins
Monostable
24VDC
7-1393788-8
V23079-G2008-B301
Overmolded
3VDC
5-1393789-4
V23079-G2016-B301
4VDC
1393790-5
V23079-G2011-B301
4.5VDC
5-1393789-5
V23079-G2001-B301
5VDC
4-1393789-9
V23079-G2002-B301
6VDC
5-1393789-0
V23079-G2006-B301
9VDC
5-1393789-3
V23079-G2003-B301
12VDC
5-1393789-1
V23079-H1208-B301
Standard
Bistable, 2 coils
3VDC
2-1393789-4
V23079-H1211-B301
4.5VDC
8-1393788-4
V23079-H1201-B301
5VDC
2-1393789-0
V23079-H1202-B301
6VDC
2-1393789-1
V23079-H1206-B301
9VDC
2-1393789-3
V23079-H1203-B301
12VDC
8-1393788-3
V23079-H1205-B301
24VDC
2-1393789-2
V23079-J1108-B301
Bistable, 1 coil
3VDC
2-1393789-9
V23079-J1111-B301
4.5VDC
3-1393789-0
V23079-J1101-B301
5VDC
2-1393789-5
V23079-J1102-B301
6VDC
2-1393789-6
V23079-J1103-B301
12VDC
2-1393789-7
V23079-J1105-B301
24VDC
2-1393789-8
V23079-G2008-X079
High dielectric
Monostable
3VDC
1422006-5
V23079-G2001-X071
Overmolded
5VDC
1422006-1
V23079-G2002-X072
6VDC
1422006-2
V23079-G2006-X073
9VDC
1422006-3
V23079-G2003-X074
12VDC
1422006-4
V23079-A2003-X074
12VDC
1422025-7
V23079-A2008-X079
3VDC
1-1422025-1


Similar Part No. - V23079-J1102-B301

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23079-J1102-B301 MACOM-V23079-J1102-B301 Datasheet
716Kb / 11P
   P2 Relay
V23079-J1102-B301 MACOM-V23079-J1102-B301 Datasheet
1Mb / 14P
   P2 V23079 Relay
More results

Similar Description - V23079-J1102-B301

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-1462038-9 MACOM-9-1462038-9 Datasheet
3Mb / 7P
   Signal Relays
logo
TE Connectivity Ltd
IM-B TEC-IM-B Datasheet
2Mb / 4P
   Signal Relays
logo
List of Unclassifed Man...
HRA ETC1-HRA Datasheet
400Kb / 3P
   Signal Relays
29/06/20
logo
Tyco Electronics
4-1393789-5 MACOM-4-1393789-5 Datasheet
1Mb / 8P
   Signal Relays
1-1462051-2 MACOM-1-1462051-2 Datasheet
645Kb / 6P
   RF Signal Relays
logo
Kemet Corporation
EC2-5NU KEMET-EC2-5NU Datasheet
86Kb / 1P
   Relays, Signal, EC2
EC2-24SNU KEMET-EC2-24SNU Datasheet
86Kb / 1P
   Relays, Signal, EC2
EC2-5TNU KEMET-EC2-5TNU Datasheet
107Kb / 1P
   Relays, Signal, EC2
EC2-12TNU KEMET-EC2-12TNU Datasheet
107Kb / 1P
   Relays, Signal, EC2
EE2-12NUH-L KEMET-EE2-12NUH-L Datasheet
87Kb / 1P
   Relays, Signal, EE2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com