Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSTUD162450 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSTUD162450
Description  Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting and 25??Series Resistors in Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTUD162450 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSTUD162450 Datasheet HTML 1Page - Fairchild Semiconductor FSTUD162450 Datasheet HTML 2Page - Fairchild Semiconductor FSTUD162450 Datasheet HTML 3Page - Fairchild Semiconductor FSTUD162450 Datasheet HTML 4Page - Fairchild Semiconductor FSTUD162450 Datasheet HTML 5Page - Fairchild Semiconductor FSTUD162450 Datasheet HTML 6Page - Fairchild Semiconductor FSTUD162450 Datasheet HTML 7Page - Fairchild Semiconductor FSTUD162450 Datasheet HTML 8Page - Fairchild Semiconductor FSTUD162450 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.fairchildsemi.com
4
Functional Description
The device can also be configured as an 8 and 16-bit device by grounding the unused pins in the 10-bit and 20-bit configu-
rations respectively. The 8-bit configuration may also be achieved by connecting two of the 4-bit enables from the 4-bit con-
figuration together and connecting the remaining enable pin (OE) HIGH.
Truth Tables
(see Functional Description)
Select Pin
S2
Mode
L
Std. NMOS Switch
H
Level Shifting Diode Enabled
20-Bit Configuration (S0 = S1 = L)
Inputs
Inputs/Outputs
OE1
OE2
OE3
OE4
OE5
LX
X
X
X
1A1-10 = 1B1-10, 2A1-10 = 2B1-10
HX
X
X
X
Z
10-Bit Configuration (S0 = L, S1 = H)
Inputs
Inputs/Outputs
OE1
OE2
OE3
OE4
OE5
1A1-10 = 1B1-10
2A1-10 = 2B1-10
LX
X
L
X
1AX = 1BX
2AX = 2BX
LX
X
H
X
1AX = 1BX
Z
HX
X
L
X
Z
2AX = 2BX
HX
XHX
Z
Z
5-Bit Configuration (S0 = H, S1 = L)
Inputs
Inputs/Outputs
OE1
OE2
OE3
OE4
OE5
1A1-5, 1B1-5
1A6-10, 1B6-10
2A1-5, 2B1-5
2A6-10, 2B6-10
LLL
L
X
1Ax = 1Bx
1Ay = 1By
2Ax = 2Bx
2Ay = 2By
LLL
H
X
1Ax = 1Bx
1Ay = 1By
2Ax = 2Bx
Z
LL
H
L
X
1Ax = 1Bx
1Ay = 1By
Z2Ay = 2By
LL
H
H
X
1Ax = 1Bx
1Ay = 1By
ZZ
LH
L
L
X
1Ax = 1Bx
Z2Ax = 2Bx
2Ay = 2By
LH
L
H
X
1Ax = 1Bx
Z2Ax = 2Bx
Z
LH
H
L
X
1Ax = 1Bx
ZZ
2Ay = 2By
LH
H
H
X
1Ax = 1Bx
ZZZ
HL
L
L
X
Z
1Ay = 1By
2Ax = 2Bx
2Ay = 2By
HL
L
H
X
Z
1Ay = 1By
2Ax = 2Bx
Z
HL
H
L
X
Z
1Ay = 1By
Z2Ay = 2By
HL
H
H
X
Z
1Ay = 1By
ZZ
HH
L
L
X
Z
Z
2Ax = 2Bx
2Ay = 2By
HH
L
H
X
Z
Z
2Ax = 2Bx
Z
HHH
L
X
Z
Z
Z
2Ay = 2By
HHH
H
X
Z
Z
Z
Z


Similar Part No. - FSTUD162450

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
309Kb / 8P
   24-Bit Bus Switch with −2V Undershoot Protection and Level Shifting
FSTUD16211GX FAIRCHILD-FSTUD16211GX Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
FSTUD16211GX FAIRCHILD-FSTUD16211GX Datasheet
309Kb / 8P
   24-Bit Bus Switch with −2V Undershoot Protection and Level Shifting
FSTUD16211MTD FAIRCHILD-FSTUD16211MTD Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
More results

Similar Description - FSTUD162450

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTUD16450 FAIRCHILD-FSTUD16450_06 Datasheet
425Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16450 FAIRCHILD-FSTUD16450 Datasheet
416Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450 Datasheet
495Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450_06 Datasheet
494Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTU162450 FAIRCHILD-FSTU162450 Datasheet
476Kb / 10P
   Configurable 4-Bit to 20-Bit Bus Switch with .2V Undershoot Protection and 25??Series Resistors in Outputs (Preliminary)
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
FSTU162211 FAIRCHILD-FSTU162211 Datasheet
271Kb / 6P
   24-Bit Bus Switch with .2V Undershoot Protection and 25??Series Resistors in Outputs (Preliminary)
FSTU32X800 FAIRCHILD-FSTU32X800 Datasheet
194Kb / 5P
   20-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection
FSTD16450 FAIRCHILD-FSTD16450 Datasheet
410Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with Selectable Level Shifting
FSTUD32211 FAIRCHILD-FSTUD32211 Datasheet
246Kb / 8P
   40/48-Bit Bus Switch with -2V Undershoot Protection and Level Shifting (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com