Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-1450-L0NA2 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-1450-L0NA2
Description  T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-1450-L0NA2 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-1450-L0NA2 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-1450-L0NA2 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-1450-L0NA2 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-1450-L0NA2 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-1450-L0NA2 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-1450-L0NA2 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-1450-L0NA2 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-1450-L0NA2 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-1450-L0NA2 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Package Dimensions
25.40
(1.00)
MIN.
6.10 (0.240)
5.59 (0.220)
2.54 (0.100)
NOM.
9.19 (0.362)
8.43 (0.332)
5.08 (0.200)
4.57 (0.180)
CATHODE
LEAD
(NOTE 1)
0.89 (0.035)
0.64 (0.025)
1.27 (0.050)
NOM.
0.102 (0.004)
MAX. TYP.
0.46 (0.018)
SQUARE
NOMINAL
PACKAGE OUTLINE "D"
HLMP-3914
22.86
(0.900)
MIN.
6.10 (0.240)
5.60 (0.220)
2.54 (0.100)
NOM.
9.07 (0.357)
8.56 (0.337)
5.08 (0.200)
4.78 (0.188)
0.89 (0.035)
0.64 (0.025)
1.52 (0.060)
1.02 (0.040)
0.10 (0.004)
MAX.
0.74 (0.029)
0.58 (0.023)
SQUARE
12.47 (0.491)
11.71 (0.461)
1.02 (0.040)
MAX.
CATHODE
FLAT
‡
PACKAGE OUTLINE "E"
HLMP-3960
23.0
(0.900)
MIN.
6.10 (0.240)
5.60 (0.220)
9.07 (0.357)
8.56 (0.337)
5.08 (0.200)
4.78 (0.188)
0.89 (0.035)
0.64 (0.025)
1.52 (0.060)
1.02 (0.040)
0.53 (0.021)
0.43 (0.017)
13.11 (0.516)
12.34 (0.486)
1.02 (0.040) MAX.
EPOXY
MENISCUS
CATHODE
FLAT
PACKAGE OUTLINE "F"
HLMP-3707/3907
SQ.
2.79 (0.110)
2.29 (0.090)
1.32 (0.052)
1.02 (0.040)


Similar Part No. - HLMP-1450-L0NA2

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-1450-1.00000 HP-HLMP-1450-1.00000 Datasheet
195Kb / 11P
   Low Profile T-1 (3 mm) LED Lamps
HLMP-1450-1.00001 HP-HLMP-1450-1.00001 Datasheet
195Kb / 11P
   Low Profile T-1 (3 mm) LED Lamps
HLMP-1450-1.00002 HP-HLMP-1450-1.00002 Datasheet
195Kb / 11P
   Low Profile T-1 (3 mm) LED Lamps
HLMP-1450-1.0O000 HP-HLMP-1450-1.0O000 Datasheet
195Kb / 11P
   Low Profile T-1 (3 mm) LED Lamps
HLMP-1450-1.0O001 HP-HLMP-1450-1.0O001 Datasheet
195Kb / 11P
   Low Profile T-1 (3 mm) LED Lamps
More results

Similar Description - HLMP-1450-L0NA2

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3707 AVAGO-HLMP-3707 Datasheet
889Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra?멊right LED Lamps New sturdy leads
logo
Agilent(Hewlett-Packard...
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com