Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8656ARZ-REEL Datasheet(PDF) 1 Page - Analog Devices

Part # AD8656ARZ-REEL
Description  Low Noise, Precision CMOS Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8656ARZ-REEL Datasheet(HTML) 1 Page - Analog Devices

  AD8656ARZ-REEL Datasheet HTML 1Page - Analog Devices AD8656ARZ-REEL Datasheet HTML 2Page - Analog Devices AD8656ARZ-REEL Datasheet HTML 3Page - Analog Devices AD8656ARZ-REEL Datasheet HTML 4Page - Analog Devices AD8656ARZ-REEL Datasheet HTML 5Page - Analog Devices AD8656ARZ-REEL Datasheet HTML 6Page - Analog Devices AD8656ARZ-REEL Datasheet HTML 7Page - Analog Devices AD8656ARZ-REEL Datasheet HTML 8Page - Analog Devices AD8656ARZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low Noise,
Precision CMOS Amplifier
Data Sheet
AD8655/AD8656
Rev. D
Document Feedback
InformationfurnishedbyAnalogDevicesisbelievedtobeaccurateandreliable.However,no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
licenseisgrantedbyimplicationorotherwiseunderanypatentorpatentrightsofAnalogDevices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2005–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low noise: 2.7 nV/√Hz @ f = 10 kHz
Low offset voltage: 250 µV max over VCM
Offset voltage drift: 0.4 µV/°C typ and 2.3 µV/°C max
Bandwidth: 28 MHz
Rail-to-rail input/output
Unity gain stable
2.7 V to 5.5 V operation
−40°C to +125°C operation
Qualified for automotive applications (AD8656)
APPLICATIONS
ADC and DAC buffers
Audio
Industrial controls
Precision filters
Digital scales
Automotive collision avoidance
PLL filters
PIN CONFIGURATIONS
NC
1
–IN
2
+IN
3
V–
4
NC
8
V+
7
OUT
6
NC
5
AD8655
TOP VIEW
(Not to Scale)
NC = NO CONNECT
OUT A
1
–IN A
2
+IN A
3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8656
TOP VIEW
(Not to Scale)
Figure 1. AD8655
8-Lead MSOP (RM-8)
Figure 2. AD8656
8-Lead MSOP (RM-8)
NC
1
–IN
2
+IN
3
V–
4
NC
8
V+
7
OUT
6
NC
5
NC = NO CONNECT
AD8655
TOP VIEW
(Not to Scale)
OUT A
1
–IN A
2
+IN A
3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8656
TOP VIEW
(Not to Scale)
Figure 3. AD8655
8-Lead SOIC (R-8)
Figure 4. AD8656
8-Lead SOIC (R-8)
GENERAL DESCRIPTION
The AD8655/AD8656 are the industry’s lowest noise, precision
CMOS amplifiers. They leverage the Analog Devices DigiTrim®
technology to achieve high dc accuracy.
The AD8655/AD8656 provide low noise (2.7 nV/√Hz @ 10 kHz),
low THD + N (0.0007%), and high precision performance
(250 µV max over VCM) to low voltage applications. The ability
to swing rail-to-rail at the input and output enables designers
to buffer analog-to-digital converters (ADCs) and other wide
dynamic range devices in single-supply systems.
The high precision performance of the AD8655/AD8656
improves the resolution and dynamic range in low voltage
applications. Audio applications, such as microphone pre-amps
and audio mixing consoles, benefit from the low noise, low
distortion, and high output current capability of the AD8655/
AD8656 to reduce system level noise performance and maintain
audio fidelity. The high precision and rail-to-rail input and
output of the AD8655/AD8656 benefit data acquisition, process
controls, and PLL filter applications.
The AD8655/AD8656 are fully specified over the −40°C to
+125°C temperature range. The AD8655/AD8656 are available
in Pb-free, 8-lead MSOP and SOIC packages.


Similar Part No. - AD8656ARZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8656ARZ-REEL AD-AD8656ARZ-REEL Datasheet
329Kb / 20P
   Low Noise, Precision CMOS Amplifier
REV. A
AD8656ARZ-REEL7 AD-AD8656ARZ-REEL7 Datasheet
329Kb / 20P
   Low Noise, Precision CMOS Amplifier
REV. A
More results

Similar Description - AD8656ARZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8655 AD-AD8655 Datasheet
329Kb / 20P
   Low Noise, Precision CMOS Amplifier
REV. A
logo
National Semiconductor ...
LMP7711 NSC-LMP7711 Datasheet
532Kb / 5P
   Precision, 17 MHz, Low Noise, CMOS Input Amplifier
logo
Analog Devices
AD8609 AD-AD8609_15 Datasheet
448Kb / 16P
   Precision Micropower, Low Noise CMOS
REV. C
logo
Texas Instruments
SM73307 TI-SM73307_15 Datasheet
961Kb / 25P
[Old version datasheet]   Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifier
logo
Analog Devices
AD8603 AD-AD8603_15 Datasheet
448Kb / 16P
   Precision Micropower, Low Noise CMOS
Rev. C
AD8607 AD-AD8607_15 Datasheet
448Kb / 16P
   Precision Micropower, Low Noise CMOS
REV. C
OP27 AD-OP27 Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
AMP01 AD-AMP01_17 Datasheet
545Kb / 30P
   Low Noise, Precision Instrumentation Amplifier
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com