Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-3140-500E Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-3140-500E
Description  0.4 Amp Output Current IGBT Gate Drive Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3140-500E Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-3140-500E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-3140-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-3140-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-3140-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-3140-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-3140-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3140-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3140-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3140-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
0
0
TS – CASE TEMPERATURE – °C
200
600
400
25
800
50
75 100
200
150 175
PS (mW)
125
100
300
500
700
IS (mA)
Insulation and Safety Related Specifications
Parameter
Symbol
HCPL-3140
HCPL-0314
Units
Conditions
Minimum External Air Gap
L(101)
7.1
4.9
mm
Measured from input terminals
(Clearance)
to output terminals, shortest
distance through air.
Minimum External Tracking
L(102)
7.4
4.8
mm
Measured from input terminals
(Creepage)
to output terminals, shortest
distance path along body.
Minimum Internal Plastic Gap
0.08
0.08
mm
Through insulation distance
(Internal Clearance)
conductor to conductor, usually
the straight line distance
thickness between the emitter
and detector.
Tracking Resistance
CTI
>175
>175
V
DIN IEC 112/VDE 0303 Part 1
(Comparative Tracking Index)
Isolation Group
IIIa
IIIa
Material Group (DIN VDE
0110, 1/89, Table 1)
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
-55
125
°C
Operating Temperature
TA
-40
100
°C
Average Input Current
IF(AVG)
25
mA
1
Peak Transient Input Current (<1
µs pulse
IF(TRAN)
1.0
A
width, 300pps)
Reverse Input Voltage
VR
5V
“High” Peak Output Current
IOH(PEAK)
0.6
A
2
“Low” Peak Output Current
IOL(PEAK)
0.6
A
2
Supply Voltage
VCC-VEE
-0.5
35
V
Output Voltage
VO(PEAK)
-0.5
VCC
V
Output Power Dissipation
PO
250
mW
3
Input Power Dissipation
PI
45
mW
4
Lead Solder Temperature
260
°C for 10 sec., 1.6 mm below seating plane
Solder Reflow Temperature Profile
See Package Outline Drawings section


Similar Part No. - HCPL-3140-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3140-000E AVAGO-HCPL-3140-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results

Similar Description - HCPL-3140-500E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314-000E AVAGO-HCPL-0314-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302-500 AVAGO-HCPL-0302-500 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T251-500E AVAGO-HCPL-T251-500E Datasheet
259Kb / 6P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3140-000E AVAGO-HCPL-3140-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020-500E AVAGO-HCPL-3020-500E Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com