Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-060L-500E Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-060L-500E
Description  High Speed LVTTL Compatible 3.3 Volt Optocouplers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-060L-500E Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-060L-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L-500E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L-500E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
Electrical Specifications (DC)
Over recommended operating conditions (TA = -40°C to +85°C, 4.5V ≤ VDD ≤ 5.5V) unless otherwise specified.
All typicals at VCC = 5 V, TA = 25 °C.
Parameter
Symbol
Channel
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
High Level Output
Current
IOH
5.5
100
mA
VCC = 5.5 V,
VO = 5.5 V,
IFL = 250 mA
1
1,15
Input Threshold
Current
ITH
Single
2.0
5.0
mA
VCC = 5.5 V, VO = 0.6 V,
IOL > 13 mA
2
15
Dual
2.5
Low Level Output
Voltage
VOL
0.35
0.6
V
VCC = 5.5 V, IF = 5 mA,
IOL(Sinking) = 13 mA
3
15
High Level Supply
Current
ICCH
Single
7.0
10.0
mA
VE =0.5V, VCC = 5.5 V,
IF = 0 mA
6.5
mA
VE =VCC, VCC = 5.5 V,
IF = 0 mA
Dual
10.0
15.0
VCC = 5.5 V, IF = 0 mA
Low Level Supply
Current
ICCL
Single
9.0
13.0
mA
VE =0.5V, VCC = 5.5 V,
IF = 0 mA
8.5
mA
VE =VCC, Vv = 5.5 V,
IF = 0 mA
Dual
13.0
21.0
mA
VCC = 5.5 V, IF = 0 mA
High Level Enable
Current
IEH
Single
-0.7
-1.6
mA
VCC = 5.5 V, VE = 2.0V
Low Level Enable
Current
IEL
Single
-0.9
-1.6
mA
VCC = 5.5 V, VE = 0.5V
High Level Enable
Voltage
VEH
Single
2.0
V
15
Low Level Enable
Voltage
VEL
Single
0.8
V
Input Forward
Voltage
VF
1.4
1.5
1.75
V
TA = 25 °C, IF = 10 mA
5
1.3
1.8
V
IF=10mA
Input Reverse
Breakdown Voltage
BVR
5
V
IR = 10 μA
1
Input Diode
Temperature
Coefficient
ΔVF/ΔTA
-1.6
mV/°C
IF = 10 mA
1
Input Capacitance
CIN
60
pF
f = 1 MHz, VF = 0 V
1


Similar Part No. - HCPL-060L-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
216Kb / 20P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
More results

Similar Description - HCPL-060L-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-000E AVAGO-HCPL-260L-000E Datasheet
216Kb / 20P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL260L HP-HCPL260L Datasheet
187Kb / 14P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W60L-000E AVAGO-ACPL-W60L-000E Datasheet
85Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-300 AVAGO-HCPL-260L-300 Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
ACPL-W60L-500E AVAGO-ACPL-W60L-500E Datasheet
292Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt/5 Volt Optocouplers
HCPL-260L AVAGO-HCPL-260L Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers Low power consumption
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
ACPL-W63L BOARDCOM-ACPL-W63L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
May 11, 2017
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-050L AVAGO-HCPL-050L Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com