Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-332J-000E Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-332J-000E
Description  2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO Fault Status Feedback and Active Miller Clamping
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-332J-000E Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-332J-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-332J-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-332J-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-332J-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-332J-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-332J-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-332J-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-332J-000E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-332J-000E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
Table 6. Switching Specifications (AC)
Unless otherwise noted, all typical values at TA = 25°C, VCC2 - VEE = 30 V, VE - VEE = 0 V;
all Minimum/Maximum specifications are at Recommended Operating Conditions. Only Positive Supply Voltage used.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Propagation Delay Time
to High Output Level
tPLH
100
180
250
ns
Rg = 10
Ω,
Cg = 10 nF,
f = 10 kHz,
Duty Cycle = 50%,
IF = 10 mA,
VCC2 = 30 V
1, 13,
14, 15,
16, 29
13, 15
Propagation Delay Time
to Low Output Level
tPHL
100
180
250
ns
1, 13,
14, 15,
16, 29
Pulse Width Distortion
PWD
-100
20
100
ns
14, 17
Propagation Delay
Difference Between
Any Two Parts or Channels
(tPHL - tPLH)
PDD
-150
150
ns
17, 16
Rise Time
tR
50
ns
Fall Time
tF
50
ns
DESAT Sense to
90%VO Delay
tDESAT(90%)
0.15
0.5
μs
CDESAT = 100pF, Rg = 10
Ω,
Cg = 10 nF, VCC2 = 30 V
17, 30,
37
19
DESAT Sense to
10% VO Delay
tDESAT(10%)
23
μs
CDESAT = 100pF, Rg = 10
Ω,
Cg = 10 nF, VCC2 = 30 V
18, 19,
20, 30,
37
DESAT Sense to Low Level
FAULT Signal Delay
tDESAT(FAULT)
0.25
0.5
μs
CDESAT = 100 pF, RF = 2.1 kΩ,
CF = Open, Rg = 10 Ω,
Cg = 10 nF, VCC2 = 30 V
30, 37
18
0.8
CDESAT = 100 pF, RF = 2.1 kΩ,
CF = 1 nF, Rg = 10 Ω,
Cg = 10 nF, VCC2 = 30 V
DESAT Sense to DESAT
Low Propagation Delay
tDESAT(LOW)
0.25
μs
CDESAT = 100pF, RF = 2.1 k
Ω,
Rg = 10
Ω, Cg = 10 nF,
VCC2 = 30 V
30, 37
19
DESAT Input Mute
tDESAT(MUTE)
5μs
37
20
RESET to High Level
FAULT Signal Delay
tRESET(FAULT)
0.3
1
2.0
μs
CDESAT = 100pF, RF = 2.1 k
Ω,
Rg = 10
Ω, Cg = 10 nF,
VCC1 = 5.5V, VCC2 = 30 V
0.8
1.5
2.5
μs
CDESAT = 100pF, RF = 2.1 k
Ω,
Rg = 10
Ω, Cg = 10 nF,
VCC1 = 3.3V, VCC2 = 30 V
Output High Level Common
Mode Transient Immunity
|CMH|
15
25
kV/μs
TA = 25°C, IF = 10 mA
VCM = 1500 V, VCC2 = 30 V, RF
= 2.1 kΩ, CF = 15 pF
31, 32,
33, 34
21
50
60
TA = 25°C, IF = 10 mA
VCM = 1500 V, VCC2 = 30 V, RF
= 2.1 kΩ, CF = 1 nF
21, 26
Output Low Level Common
Mode Transient Immunity
|CML|
15
25
kV/μs
TA = 25°C, VF = 0 V
VCM = 1500 V, VCC2 = 30 V, RF
= 2.1 kΩ, CF = 15 pF
31, 32,
33, 34
22
50
60
TA = 25°C, VF = 0 V
VCM = 1500 V, VCC2 = 30 V, RF
= 2.1 kΩ, CF = 1 nF


Similar Part No. - ACPL-332J-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-332J-000E AVAGO-ACPL-332J-000E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler
More results

Similar Description - ACPL-332J-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-331J-500E AVAGO-ACPL-331J-500E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO, Fault Status Feedback and Active Miller Clamping
HCPL-316J-500E AVAGO-HCPL-316J-500E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
Broadcom Corporation.
ACPL-5160 BOARDCOM-ACPL-5160 Datasheet
2Mb / 36P
   2.5-Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5160 AVAGO-ACPL-5160 Datasheet
557Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J-000E AVAGO-HCPL-316J-000E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J AVAGO-HCPL-316J Datasheet
596Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
Agilent(Hewlett-Packard...
HCPL316J HP-HCPL316J Datasheet
504Kb / 33P
   2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-38JT-000E AVAGO-ACPL-38JT-000E Datasheet
561Kb / 33P
   Automotive Gate Drive Optocoupler with R2Coupler??Isolation, 2.5 Amp Output Current, Integrated Desaturation (VCE) Detection and Fault Status Feedback
ACPL-331J AVAGO-ACPL-331J Datasheet
607Kb / 23P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection
logo
Fairchild Semiconductor
FOD8318 FAIRCHILD-FOD8318 Datasheet
608Kb / 31P
   2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com