Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-2527ET Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-2527ET
Description  Versatile Link The Versatile Fiber Optic Connection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-2527ET Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-2527ET Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-2527ET Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-2527ET Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-2527ET Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-2527ET Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HFBR-2527ET Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HFBR-2527ET Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HFBR-2527ET Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HFBR-2527ET Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
HFBR-25X1ETZ Receiver
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Reference
Storage Temperature
TS
–40
+85
° C
Operating Temperature
TA
–40
+85
° C
Lead Soldering Cycle
Temp.
260
° C
Note 1, 3
Time
10
sec
Supply Voltage
VCC
–0.5
7
V
Note 2
Output Collector Current
IOAV
25
mA
Output Collector Power Dissipation
POD
40
mW
Output Voltage
VO
–0.5
18
V
Pull-up Voltage
VP
–5
VCC
V
Fan Out (TTL)
N
5
Notes:
1. 1.6 mm below seating plane.
2. It is essential that a bypass capacitor 0.1
F be connected from pin 2 to pin 3 of the receiver. Total lead length between both ends of the capacitor
and the pins should not exceed 20 mm.
3. Moisture sensitivity level is MSL-3
Receiver Electrical/Optical Characteristics -40° to 85° C, 4.75 V ≤VCC ≤5.25 V unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Ref.
Input Optical Power
PR(L)
–21.6
–9.5
dBm
VOL = 0.5 V
Notes 1,
Level for Logic “0”
IOL = 8 mA
2, 4
–21.6
–8.7
VOL = 0.5 V
IOL = 8 mA, 25° C
Input Optical Power
PR(H)
–43
dBm
VOL = 5.25 V
Note 1
Level for Logic “1”
IOH ≤250 μA
High Level Output Current
IOH
5
250
A
VO = 18 V, PR = 0
Note 3
Low Level Output Voltage
VOL
0.4
0.5
V
IOL = 8 mA,
Note 3
PR = PR(L)MIN
High Level Supply
ICCH
3.5
6.3
mA
VCC = 5.25 V,
Note 3
Current
PR = 0
Low Level Supply Current
ICCL
6.2
10
mA
VCC = 5.25 V
Note 3
PR = -12.5 dBm
Effective Diameter
D
1
mm
Internal Pull-up Resistor
RL
680
1000
1700
Notes:
1. Optical flux, P (dBm) = 10 Log [P (μW)/1000 μW].
2. Optical power measured at the end of 1 mm diameter POF (NA = 0.5) with a large area detector.
3. RL is open.
4. Pulsed LED operation at IF > 80 mA will cause increased link tPLH propagation delay time. This extended tPLH time contributes to increased pulse
width distortion of the receiver output signal.
4
3
2
1
GROUND
5
GROUND
8
RL
VCC
GROUND
VO
1000
Ω
Pin #
Function
1VO
2
Ground
3VCC
4RL
5
Ground
8
Ground
Note: Pins 5 and 8 are for mounting and retaining purposes
only. Do not electrically connect these pins.


Similar Part No. - HFBR-2527ET

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-2527 HP-HFBR-2527 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
More results

Similar Description - HFBR-2527ET

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0501 HP-HFBR-0501 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1527ETZ AVAGO-HFBR-1527ETZ Datasheet
211Kb / 12P
   125Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com