Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-1536Z Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-1536Z
Description  Versatile Link The Versatile Fiber Optic Connection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-1536Z Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-1536Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-1536Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-1536Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-1536Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-1536Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-1536Z Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-1536Z Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-1536Z Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-1536Z Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Available option – Horizontal Package
HFBR-x521ETZ
HFBR-x522ETZ
Available option – Vertical Package
HFBR-x531ETZ
HFBR-x532ETZ
Available option – 30° Tilted Package
HFBR-x541ETZ
HFBR-x542ETZ
Link Selection Guide
(Links specified from -40° to 85° C, for plastic optical fiber unless specified.)
Signal Rate
Distance (m) 25° C
Distance (m)
Transmitter
Receiver
1 MBd
67
43
HFBR-15x2ETZ
HFBR-25x2ETZ
5 Mbd
38
20
HFBR-15x1ETZ
HFBR-25x1ETZ
HFBR-0500ETZ Series Part Number Guide
HFBR-X5XXETZ
1 = Transmitter
2 = Receiver
ET = extended temperature range
Z = RoHS compliant
5 = 600 nm Transmitter and
Receiver Products
1 = 5 MBd High Performance Link
2 = 1 MBd High Performance Link
2 = Horizontal Package
6 = 155 MBd Receiver
3 = Vertical Package
7 = 155 MBd Transmitter
4 = 30° Tilted Package


Similar Part No. - HFBR-1536Z

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-1536 HP-HFBR-1536 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
More results

Similar Description - HFBR-1536Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0501 HP-HFBR-0501 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1527ETZ AVAGO-HFBR-1527ETZ Datasheet
211Kb / 12P
   125Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com