Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-1547Z Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-1547Z
Description  Versatile Link The Versatile Fiber Optic Connection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-1547Z Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-1547Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-1547Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-1547Z Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-1547Z Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-1547Z Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-1547Z Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-1547Z Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-1547Z Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HFBR-1547Z Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Figure 6. Typical link propagation delay vs. optical power
Figure 5. Typical link pulse width distortion vs. optical power
Figure 4. Propagation delay test waveforms
0
10
20
30
40
50
60
70
-27
-24
-21
-18
-15
-12
-9
-6
PR - INPUT OPTICAL POWER - dB
m
X5X1ETZ -40° C
X5X1ETZ 25° C
X5X1ETZ 85° C
0
20
40
60
80
100
-27
-24
-21
-18
-15
-12
-9
-6
PR - INPUT OPTICAL POWER - dB
m
tPLH X5X1ETZ
tPHL X5X1ETZ


Similar Part No. - HFBR-1547Z

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-1505A HP-HFBR-1505A Datasheet
250Kb / 11P
   Fiber Optic Transmitters and Receivers for SERCOS, PROFIBUS and INTERBUS-S Applications
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1505A AVAGO-HFBR-1505A Datasheet
242Kb / 11P
   Fiber Optic Transmitters and Receivers for Fieldbus Applications
HFBR-1505AFZ AVAGO-HFBR-1505AFZ Datasheet
96Kb / 4P
   Change to improved mold compound
HFBR-1505AFZ AVAGO-HFBR-1505AFZ Datasheet
733Kb / 7P
   Full Metal Fiber Optic Transmitter and Receiver for SERCOS Applications
HFBR-1505AZ AVAGO-HFBR-1505AZ Datasheet
101Kb / 11P
   Fiber Optic Transmitters and Receivers for SERCOS PROFIBUS and INTERBUS-S Applications
More results

Similar Description - HFBR-1547Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0501 HP-HFBR-0501 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1527ETZ AVAGO-HFBR-1527ETZ Datasheet
211Kb / 12P
   125Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com