Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32672L1123289 Datasheet(PDF) 3 Page - EPCOS

Part # B32672L1123289
Description  Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32672L1123289 Datasheet(HTML) 3 Page - EPCOS

  B32672L1123289 Datasheet HTML 1Page - EPCOS B32672L1123289 Datasheet HTML 2Page - EPCOS B32672L1123289 Datasheet HTML 3Page - EPCOS B32672L1123289 Datasheet HTML 4Page - EPCOS B32672L1123289 Datasheet HTML 5Page - EPCOS B32672L1123289 Datasheet HTML 6Page - EPCOS B32672L1123289 Datasheet HTML 7Page - EPCOS B32672L1123289 Datasheet HTML 8Page - EPCOS B32672L1123289 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Overview of available types
Lead spacing 10 mm
15 mm
Type
B32671L
B32672L
Page
4
6
VRMS (V AC)
200
250
250
500
600
700
160
200
250
250
500
600
700
900
VR (V DC)
400
630
1000 1000 1600 2000 250
420
630
1000 1300 1600 2000 2000
CR (nF)
0.68
1.0
1.2
1.5
2.2
2.7
3.3
3.9
4.7
5.6
6.2
6.8
8.2
10
12
15
22
33
47
56
68
100
150
220
330
390
470
680
1000
B32671L ... B32672L
High V AC, high temperature (wound)
Page 3 of 30
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32672L1123289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32672L1123 EPCOS-B32672L1123 Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32672L1123 EPCOS-B32672L1123 Datasheet
570Kb / 30P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
B32672L1123 TDK-B32672L1123 Datasheet
863Kb / 39P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - B32672L1123289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32656S EPCOS-B32656S_12 Datasheet
481Kb / 29P
   Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com