Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32672L1153289 Datasheet(PDF) 4 Page - EPCOS

Part # B32672L1153289
Description  Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32672L1153289 Datasheet(HTML) 4 Page - EPCOS

  B32672L1153289 Datasheet HTML 1Page - EPCOS B32672L1153289 Datasheet HTML 2Page - EPCOS B32672L1153289 Datasheet HTML 3Page - EPCOS B32672L1153289 Datasheet HTML 4Page - EPCOS B32672L1153289 Datasheet HTML 5Page - EPCOS B32672L1153289 Datasheet HTML 6Page - EPCOS B32672L1153289 Datasheet HTML 7Page - EPCOS B32672L1153289 Datasheet HTML 8Page - EPCOS B32672L1153289 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Ordering codes and packing units (lead spacing 10 mm)
VRMS
f
≤1 kHz
V AC
VR
V DC
CR
nF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series, intermediate capacitance values and closer tolerances on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
200
400
22
4.0
× 9.0 × 13.0
B32671L4223+***
4000
6800
4000
33
4.0
× 9.0 × 13.0
B32671L4333+***
4000
6800
4000
47
5.0
× 11.0 × 13.0
B32671L4473+***
3320
5200
4000
68
5.0
× 11.0 × 13.0
B32671L4683+***
3320
5200
4000
100
6.0
× 12.0 × 13.0
B32671L4104+***
2720
4400
4000
250
630
15
4.0
× 9.0 × 13.0
B32671L6153+***
4000
6800
4000
22
5.0
× 11.0 × 13.0
B32671L6223+***
3320
5200
4000
33
5.0
× 11.0 × 13.0
B32671L6333+***
3320
5200
4000
47
6.0
× 12.0 × 13.0
B32671L6473+***
2720
4400
4000
56
6.0
× 12.0 × 13.0
B32671L6563+***
2720
4400
4000
250
1000
4.7
4.0
× 9.0 × 13.0
B32671L9472+***
4000
6800
4000
6.8
4.0
× 9.0 × 13.0
B32671L9682+***
4000
6800
4000
10
5.0
× 11.0 × 13.0
B32671L9103+***
3320
5200
4000
15
5.0
× 11.0 × 13.0
B32671L9153+***
3320
5200
4000
22
6.0
× 12.0 × 13.0
B32671L9223+***
2720
4400
4000
500
1000
3.3
4.0
× 9.0 × 13.0
B32671L0332+***
4000
6800
4000
3.9
4.0
× 9.0 × 13.0
B32671L0392+***
4000
6800
4000
4.7
4.0
× 9.0 × 13.0
B32671L0472+***
4000
6800
4000
5.6
5.0
× 11.0 × 13.0
B32671L0562+***
3320
5200
4000
6.2
5.0
× 11.0 × 13.0
B32671L0622+***
3320
5200
4000
6.8
5.0
× 11.0 × 13.0
B32671L0682+***
3320
5200
4000
8.2
6.0
× 12.0 × 13.0
B32671L0822+***
3320
5200
4000
10
6.0
× 12.0 × 13.0
B32671L0103+***
2720
4400
4000
12
6.0
× 12.0 × 13.0
B32671L0123+***
2720
4400
4000
B32671L
High V AC, high temperature (wound)
Page 4 of 30
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32672L1153289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32672L1153 EPCOS-B32672L1153 Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32672L1153 EPCOS-B32672L1153 Datasheet
570Kb / 30P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
B32672L1153 TDK-B32672L1153 Datasheet
863Kb / 39P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - B32672L1153289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32656S EPCOS-B32656S_12 Datasheet
481Kb / 29P
   Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com