Electronic Components Datasheet Search |
|
B32923C3105289 Datasheet(PDF) 6 Page - EPCOS |
|
B32923C3105289 Datasheet(HTML) 6 Page - EPCOS |
6 / 17 page Technical data Max. operating temperature Top,max +110 °C Dissipation factor tan δ (in 10-3) at 20 °C (upper limit values) CR ≤0.1 µF 0.1µF<C R ≤2.2 µF C R >2.2 µF at 1 kHz 1.0 1.0 2.0 100 kHz 5.0 Insulation resistance Rins or time constant τ = C R Rins CR ≤0.33 µF CR>0.33 µF 100 000 M Ω 30 000 s at 20 °C, rel. humidity ≤ 65% (minimum as-delivered values) DC test voltage 2121 V, 2 s Passive flammability category to IEC 40 (CO) 752 B Maximum continuous DC voltage VDC 630 V Maximum continuous AC voltage VAC 310 V (50/60 Hz) Rated AC voltage (IEC 60384-14) 305 V (50/60 Hz) Operating AC voltage Vop at high temperature TA ≤ 110 °C Vop = VAC (continuously) TA ≤ 110 °C Vop = 1.25 VAC (1000 h) Damp heat test 56 days / 40 °C / 93% relative humidity Limit values after damp heat test Capacitance change ∆C/C ≤ 5% Dissipation factor change ∆ tan δ ≤ 0.5 10-3 (at 1 kHz) Insulation resistance Rins ≤ 1.0 10-3 (at 10 kHz) or time constant τ = C R Rins ≥ 50% of minimum as-delivered values B32921C/D ... B32928C/D X2 / 305 V AC Page 6 of 17 Please read Cautions and warnings and Important notes at the end of this document. |
Similar Part No. - B32923C3105289 |
|
Similar Description - B32923C3105289 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |