Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37953K5474K062 Datasheet(PDF) 9 Page - EPCOS

Part # B37953K5474K062
Description  Multilayer Ceramic Capacitors
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37953K5474K062 Datasheet(HTML) 9 Page - EPCOS

Back Button B37953K5474K062 Datasheet HTML 5Page - EPCOS B37953K5474K062 Datasheet HTML 6Page - EPCOS B37953K5474K062 Datasheet HTML 7Page - EPCOS B37953K5474K062 Datasheet HTML 8Page - EPCOS B37953K5474K062 Datasheet HTML 9Page - EPCOS B37953K5474K062 Datasheet HTML 10Page - EPCOS B37953K5474K062 Datasheet HTML 11Page - EPCOS B37953K5474K062 Datasheet HTML 12Page - EPCOS B37953K5474K062 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
8
10/06
Please read Cautions and warnings and
Important notes at the end of this document.
Multilayer ceramic capacitors
X7R
Product range chip capacitors, X7R
Size1)
inch
mm
1206
3216
Type
B37872
16
25
50
100
200
500
100
pF
120
pF2)
150
pF
180
pF2)
220
pF
270
pF2)
330
pF
390
pF2)
470
pF
560
pF2)
680
pF
820
pF2)
1.0 nF
1.2 nF2)
1.5 nF
1.8 nF2)
2.2 nF
2.7 nF2)
3.3 nF
3.9 nF2)
4.7 nF
5.6 nF2)
6.8 nF
8.2 nF2)
1) l
´ b (inch) / l ´ b (mm)
2) Non standard types (E 12) on request.
VR (VDC)
CR
X7R


Similar Part No. - B37953K5474K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37953J5104K060 EPCOS-B37953J5104K060 Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37953J5224K060 EPCOS-B37953J5224K060 Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37953J5474K060 EPCOS-B37953J5474K060 Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
More results

Similar Description - B37953K5474K062

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com