Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACB2012L-300-T Datasheet(PDF) 3 Page - TDK Electronics

Part # ACB2012L-300-T
Description  EMC Components Ferrite Beads SMD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACB2012L-300-T Datasheet(HTML) 3 Page - TDK Electronics

  ACB2012L-300-T Datasheet HTML 1Page - TDK Electronics ACB2012L-300-T Datasheet HTML 2Page - TDK Electronics ACB2012L-300-T Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
9412_ACB
001031
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
9412_ACB
(3/3)
EMC Components
ACB Series
Ferrite Beads
SMD
TYPICAL ELECTRICAL CHARACTERISTICS
Z, X, R vs. FREQUENCY CHARACTERISTICS
ACB2012L-600
ACB2012M-040
ACB2012M-080
ACB2012M-150
ACB2012M-300
ACB2012M-600
ACB2012H-015
ACB2012H-030
ACB2012H-060
ACB2012H-120
ACB2012H-300
• TEST EQUIPMENT: RF IMPEDANCE ANALYZER YHP4191A
1000
Frequency(MHz)
100
10
1
1
10
100
1000
R
X
Z
R
X
Z
1000
Frequency(MHz)
100
10
1
1
10
100
1000
R
X
Z
1000
Frequency(MHz)
100
10
1
1
10
100
1000
1000
Frequency(MHz)
100
10
1
1
10
100
1000
R
X
Z
R
X
Z
1000
Frequency(MHz)
100
10
1
1
10
100
1000
1000
Frequency(MHz)
100
10
1
1
10
100
1000
R
X
Z
R
X
Z
1000
Frequency(MHz)
100
10
1
1
10
100
1000
R
X
Z
1000
Frequency(MHz)
100
10
1
1
10
100
1000
R
X
Z
1000
Frequency(MHz)
100
10
1
1
10
100
1000
R
X
Z
1000
Frequency(MHz)
100
10
1
1
10
100
1000
R
X
Z
1000
Frequency(MHz)
100
10
1
1
10
100
1000


Similar Part No. - ACB2012L-300-T

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACB-12-1238 ACIPOWER-ACB-12-1238 Datasheet
108Kb / 1P
   CCFL INVERTER
ACB-12-1241 ACIPOWER-ACB-12-1241 Datasheet
101Kb / 1P
   CCFL INVERTER
ACB-12-1242 ACIPOWER-ACB-12-1242 Datasheet
103Kb / 1P
   CCFL INVERTER
ACB-12-1261 ACIPOWER-ACB-12-1261 Datasheet
101Kb / 1P
   CCFL INVERTER
ACB-12-1334 ACIPOWER-ACB-12-1334 Datasheet
108Kb / 1P
   CCFL INVERTER
More results

Similar Description - ACB2012L-300-T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HF70ACC635050-T TDK-HF70ACC635050-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
HF70ACC322513-T TDK-HF70ACC322513-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
HF201209 TDK-HF201209 Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
HF70ACC453215-T TDK-HF70ACC453215-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
HF70ACC201209-T TDK-HF70ACC201209-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
MZA2010 TDK-MZA2010 Datasheet
76Kb / 3P
   EMC Components Ferrite Beads SMD Array
ZBDS TDK-ZBDS Datasheet
38Kb / 1P
   EMC Components Ferrite Beads SMD Array
HF30ACC453215-T TDK-HF30ACC453215-T Datasheet
77Kb / 3P
   EMC Components Ferrite Beads
HF50ACC321611-T TDK-HF50ACC321611-T Datasheet
77Kb / 3P
   Ferrite Beads SMD
MMZ1005 TDK-MMZ1005 Datasheet
79Kb / 4P
   Ferrite Beads SMD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com