Electronic Components Datasheet Search |
|
SNJ54HC174J Datasheet(PDF) 5 Page - Texas Instruments |
|
|
SNJ54HC174J Datasheet(HTML) 5 Page - Texas Instruments |
5 / 22 page SN54HC174, SN74HC174 HEX DTYPE FLIPFLOPS WITH CLEAR SCLS119D − DECEMBER 1982 − REVISED SEPTEMBER 2003 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION VOLTAGE WAVEFORMS SETUP AND HOLD AND INPUT RISE AND FALL TIMES VOLTAGE WAVEFORMS PULSE DURATIONS th tsu 50% 50% 50% 10% 10% 90% 90% VCC VCC 0 V 0 V tr tf Reference Input Data Input 50% High-Level Pulse 50% VCC 0 V 50% 50% VCC 0 V tw Low-Level Pulse VOLTAGE WAVEFORMS PROPAGATION DELAY AND OUTPUT TRANSITION TIMES 50% 50% 50% 10% 10% 90% 90% VCC VOH VOL 0 V tr tf Input In-Phase Output 50% tPLH tPHL 50% 50% 10% 10% 90% 90% VOH VOL tr tf tPHL tPLH Out-of-Phase Output NOTES: A. CL includes probe and test-fixture capacitance. B. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns. C. For clock inputs, fmax is measured when the input duty cycle is 50%. D. The outputs are measured one at a time with one input transition per measurement. E. tPLH and tPHL are the same as tpd. Test Point From Output Under Test CL = 50 pF (see Note A) LOAD CIRCUIT Figure 1. Load Circuit and Voltage Waveforms |
Similar Part No. - SNJ54HC174J |
|
Similar Description - SNJ54HC174J |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |