Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1A3 Datasheet(PDF) 2 Page - Kingtronics International Company

Part # 1A3
Description  1.0 AMP. SILICON RECTIFIERS Voltage Range 50 to 1000 Volts Current 1.0 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

1A3 Datasheet(HTML) 2 Page - Kingtronics International Company

  1A3 Datasheet HTML 1Page - Kingtronics International Company 1A3 Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
2
1A1 THRU 1A7
RATING AND CHARACTERISTIC CURVES
FIG.1-MAXIMUM NONO-REPETITIVE FORWARD SURGE CURRENT PER
BRIDGE ELELMENT
FIG. 2-MAXIMUM FORWARD CURRENT DERATING CURVE
NUMBER OF CYCLES AT 60HZ
AMBIENT TEMPERATURE.( ℃)
FIG. 3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
PER BRIDGE ELEMENT
FIG. 4-TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT
INSTANTANEOUS FORWARD VOLTAGE.(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
Note: Specifications are subject to change without notice.


Similar Part No. - 1A3

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
1A3 DEC-1A3 Datasheet
681Kb / 2P
   Low reverse leakage
logo
Pan Jit International I...
1A3 PANJIT-1A3 Datasheet
52Kb / 2P
   MINIATURE PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diode Semiconductor Kor...
1A3 DSK-1A3 Datasheet
291Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Won-Top Electronics
1A3 WTE-1A3 Datasheet
61Kb / 4P
   1.0A STANDARD DIODE
logo
Microdiode Electronics ...
1A3 CHENDA-1A3 Datasheet
648Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
More results

Similar Description - 1A3

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
1N4001W YIXIN-1N4001W Datasheet
356Kb / 2P
   1.0 AMP SILICON RECTIFIERS VOLTAGE RANGE 50 to 1000 volts
logo
DAESAN ELECTRONIC CORP.
HEM101 DAESAN-HEM101 Datasheet
251Kb / 2P
   CURRENT 1.0 AMPERES VOLTAGE 50 TO 1000 VOLTS
SM101 DAESAN-SM101 Datasheet
232Kb / 2P
   CURRENT 1.0 AMPERES VOLTAGE 50 TO 1000 VOLTS
R1A1G DAESAN-R1A1G Datasheet
203Kb / 2P
   CURRENT 1.0 AMPERES VOLTAGE 50 TO 1000 VOLTS
RS101 DAESAN-RS101 Datasheet
255Kb / 2P
   CURRENT 1.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Rectron Semiconductor
US1AFL RECTRON-US1AFL Datasheet
344Kb / 5P
   VOLTAGE: 50 to 1000 Volts CURRENT: 1.0 Amperes
logo
Yea Shin Technology Co....
DB101 YEASHIN-DB101 Datasheet
408Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
Kingtronics Internation...
UF4001-UF4007 KINGTRONICS-UF4001-UF4007 Datasheet
320Kb / 2P
   1.0 AMP. HIGH EFFICIENT RECTIFIERS Voltage Range 50 to 1000 Volts Current 1.0Amperes
DB101-DB107 KINGTRONICS-DB101-DB107 Datasheet
334Kb / 2P
   Single Phase 1.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 1.0 Amperes
DB101S-DB107S KINGTRONICS-DB101S-DB107S Datasheet
366Kb / 2P
   Single Phase 1.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 1.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com