Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LKT1206B0R5J160R Datasheet(PDF) 6 Page - Kingtronics International Company

Part # LKT1206B0R5J160R
Description  Low Voltage Multilayer Chip Ceramic Capacitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

LKT1206B0R5J160R Datasheet(HTML) 6 Page - Kingtronics International Company

  LKT1206B0R5J160R Datasheet HTML 1Page - Kingtronics International Company LKT1206B0R5J160R Datasheet HTML 2Page - Kingtronics International Company LKT1206B0R5J160R Datasheet HTML 3Page - Kingtronics International Company LKT1206B0R5J160R Datasheet HTML 4Page - Kingtronics International Company LKT1206B0R5J160R Datasheet HTML 5Page - Kingtronics International Company LKT1206B0R5J160R Datasheet HTML 6Page - Kingtronics International Company LKT1206B0R5J160R Datasheet HTML 7Page - Kingtronics International Company LKT1206B0R5J160R Datasheet HTML 8Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
6
LKT
Low Voltage Multilayer Chip Ceramic
Capacitor
14. Moisture Resistance ,steady state
Dielectrics
Specification
Testing Condition
NPO
No remarkable visual damage
Cp
change within ±5% or ±0.5pF,
whichever is larger.
Cp<10pF, Q≥200+10Cp;
IO≤Cp<30pF, Q≥275+2.5Cp
Cp≥30pF, Q≥350
R*C≥1000MΩ or 50Ω·F, whichever is
smaller
Test temperature: 40±2℃
Humidity: 90~95% RH
Testing time: 500 ±12hrs
Measurement to be made after being kept at room
temperature for 24±2hrs (COG) or 48±4hrs (X7R, X5R,
Y5V)
*Initial measurement for high dielectric constant type
Perform a heat treatment at 140~150℃ for 1hr and let sit
for 48±4hrs at room temperature.
Perform the initial measurement.
X7R/X5R
Cp change within ±12.5%
DF: Not more than 2 times of initial value
R*C≥1000MΩ or 50Ω·F, whichever is
smaller
Y5V
No remarkable visual damage
Cp change within ±30%
DF: Not more than 1.5 times of
initial value
R*C≥1000MΩ or 50Ω·F, whichever is
smaller
15. Damp heat with load
Dielectrics
Specification
Testing Condition
NPO
No remarkable visual damage
Cp change≤±7.5% or ±0.75pF, whichever
is larger.
Cp<30pF, Q≥100+10/3*Cp
Cp≥30pF, Q≥200
R*C≥500MΩ or 25Ω·F, whichever is
smaller
Test temperature: 40±2℃
Humidity: 90~95% RH
Voltage: 100% of the rated voltage
Testing time: 500 ±12hrs
Measurement to be made after being kept at room
temperature for 24±2hrs (COG) or 48±4hrs (X7R, X5R,
Y5V)
*Apply the rated DC voltage for 1 hour at 40±2℃.
Remove and let sit for 48±4hrs at room temperature.
Perform the initial measurement.
X7R/X5R
No remarkable visual damage
Cp change≤±12.5%
DF: Not more than 2 times of initial value
R*C≥500MΩ or 25Ω·F, whichever is
smaller
Y5V
No remarkable visual damage
Cp change≤±30%
DF: Not more than 1.5 times of
initial value
R*C≥500MΩ or 25Ω·F , whichever is
smaller
16. Life Test
Dielectrics
Specification
Testing Condition
NPO
No remarkable visual damage
Cp change≤±3% or ±0.3pF, whichever is
larger.
Q≥350 (Cp≥30 PF)
Q≥275+(2.5* Cp) (10 pF≤Cp<30 PF)
Q≥200+10*Cp (Cp<10 PF)
R*C≥1000MΩ or 50Ω·F, whichever is smaller
Test temperature:
Max. Operating Temp. ±3℃
Voltage:
200% of the rated voltage
Testing time: 1000 hrs
Measurement to be made after being kept at room temperature
for 24±2hrs (C
OG) or 48±4hrs (X7R, X5R,Y5V)
*Initial measurement for high dielectric constant type
Apply 200% of the rated DC voltage for one hour at the
maximum operating temperature ±3℃.
Remove and let sit for 48±4hrs at room temperature.
Perform the initial measurement
X7R/X5R
No remarkable visual damage
Cp change≤±12.5%
DF:Not more than 2 times of initial value
R*C≥1000MΩ or 50Ω·F, whichever is smaller
Y5V
No remarkable visual damage
Cp change≤±30%
DF:Not more than 1.5 times of
initial value
R*C≥1000MΩ or 50Ω·F, whichever is smaller


Similar Part No. - LKT1206B0R5J160R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LKT1AF-12V PANASONIC-LKT1AF-12V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
LKT1AF-24V PANASONIC-LKT1AF-24V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
LKT1AF-5V PANASONIC-LKT1AF-5V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
LKT1AF-9V PANASONIC-LKT1AF-9V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
More results

Similar Description - LKT1206B0R5J160R

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
05045C272KAT1A AVX-05045C272KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C821KAT1A AVX-05045C821KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C103JA19A AVX-05045C103JA19A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05041A101KA79A AVX-05041A101KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Stackpole Electronics, ...
CML_C0G SEI-CML_C0G Datasheet
671Kb / 23P
   Multilayer Ceramic Chip Capacitor
5/27/2021
logo
AVX Corporation
05041A121KA79A AVX-05041A121KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
08055A101JAT2A AVX-08055A101JAT2A Datasheet
399Kb / 46P
   Multilayer Ceramic Chip Capacitor
05041A820KA79A AVX-05041A820KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Suntan Capacitors
TS18 SUNTAN-TS18 Datasheet
281Kb / 10P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
TS18 SUNTAN-TS18_17 Datasheet
788Kb / 17P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com