Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1608C0G1H120J Datasheet(PDF) 4 Page - TDK Electronics

Part # C1608C0G1H120J
Description  Ceramic Capacitors For General Use SMD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C1608C0G1H120J Datasheet(HTML) 4 Page - TDK Electronics

  C1608C0G1H120J Datasheet HTML 1Page - TDK Electronics C1608C0G1H120J Datasheet HTML 2Page - TDK Electronics C1608C0G1H120J Datasheet HTML 3Page - TDK Electronics C1608C0G1H120J Datasheet HTML 4Page - TDK Electronics C1608C0G1H120J Datasheet HTML 5Page - TDK Electronics C1608C0G1H120J Datasheet HTML 6Page - TDK Electronics C1608C0G1H120J Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
• All specifications are subject to change without notice.
(4/7)
001-02 / 20030313 / e4112_c1005.fm
Ceramic Capacitors
C Series
For General Use
SMD
C1608 (EIA:CC0603) TYPE
SHAPES AND DIMENSIONS
CAPACITANCE RANGES:
CLASS 1 (TEMPERATURE COMPENSATION)
TEMPERATURE CHARACTERISTICS: C0G(0±30ppm/°C)
RATED VOLTAGE Edc: 50V
CAPACITANCE RANGES:CLASS 2
TEMPERATURE CHARACTERISTICS: X7R (±15%)
RATED VOLTAGE Edc: 50V
RATED VOLTAGE Edc:25V
RATED VOLTAGE Edc:16V
TEMPERATURE CHARACTERISTICS: X5R (±15%)
RATED VOLTAGE Edc:10V
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
0.5
±0.25pF
0.8±0.1
C1608C0G1H0R5C
0.75
±0.25pF
0.8±0.1
C1608C0G1HR75C
1
±0.25pF
0.8±0.1
C1608C0G1H010C
1.5
±0.25pF
0.8±0.1
C1608C0G1H1R5C
2
±0.25pF
0.8±0.1
C1608C0G1H020C
3
±0.25pF
0.8±0.1
C1608C0G1H030C
4
±0.25pF
0.8±0.1
C1608C0G1H040C
5
±0.25pF
0.8±0.1
C1608C0G1H050C
6
±0.5pF
0.8±0.1
C1608C0G1H060D
7
±0.5pF
0.8±0.1
C1608C0G1H070D
8
±0.5pF
0.8±0.1
C1608C0G1H080D
9
±0.5pF
0.8±0.1
C1608C0G1H090D
10
±0.5pF
0.8±0.1
C1608C0G1H100D
12
±5%
0.8±0.1
C1608C0G1H120J
15
±5%
0.8±0.1
C1608C0G1H150J
18
±5%
0.8±0.1
C1608C0G1H180J
22
±5%
0.8±0.1
C1608C0G1H220J
27
±5%
0.8±0.1
C1608C0G1H270J
33
±5%
0.8±0.1
C1608C0G1H330J
39
±5%
0.8±0.1
C1608C0G1H390J
47
±5%
0.8±0.1
C1608C0G1H470J
56
±5%
0.8±0.1
C1608C0G1H560J
68
±5%
0.8±0.1
C1608C0G1H680J
82
±5%
0.8±0.1
C1608C0G1H820J
100
±5%
0.8±0.1
C1608C0G1H101J
120
±5%
0.8±0.1
C1608C0G1H121J
150
±5%
0.8±0.1
C1608C0G1H151J
180
±5%
0.8±0.1
C1608C0G1H181J
220
±5%
0.8±0.1
C1608C0G1H221J
270
±5%
0.8±0.1
C1608C0G1H271J
330
±5%
0.8±0.1
C1608C0G1H331J
390
±5%
0.8±0.1
C1608C0G1H391J
470
±5%
0.8±0.1
C1608C0G1H471J
560
±5%
0.8±0.1
C1608C0G1H561J
680
±5%
0.8±0.1
C1608C0G1H681J
820
±5%
0.8±0.1
C1608C0G1H821J
1000
±5%
0.8±0.1
C1608C0G1H102J
1200
±5%
0.8±0.1
C1608C0G1H122J
1500
±5%
0.8±0.1
C1608C0G1H152J
1800
±5%
0.8±0.1
C1608C0G1H182J
2200
±5%
0.8±0.1
C1608C0G1H222J
0.2min.
1.6
±0.1
Dimensions in mm
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
220
±10%
0.8±0.1
C1608X7R1H221K
330
±10%
0.8±0.1
C1608X7R1H331K
470
±10%
0.8±0.1
C1608X7R1H471K
680
±10%
0.8±0.1
C1608X7R1H681K
1000
±10%
0.8±0.1
C1608X7R1H102K
1500
±10%
0.8±0.1
C1608X7R1H152K
2200
±10%
0.8±0.1
C1608X7R1H222K
3300
±10%
0.8±0.1
C1608X7R1H332K
4700
±10%
0.8±0.1
C1608X7R1H472K
6800
±10%
0.8±0.1
C1608X7R1H682K
10000
±10%
0.8±0.1
C1608X7R1H103K
15000
±10%
0.8±0.1
C1608X7R1H153K
22000
±10%
0.8±0.1
C1608X7R1H223K
33000
±10%
0.8±0.1
C1608X7R1H333K
47000
±10%
0.8±0.1
C1608X7R1H473K
68000
±10%
0.8±0.1
C1608X7R1H683K
100000
±10%
0.8±0.1
C1608X7R1H104K
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
100000
±10%
0.8±0.1
C1608X7R1E104K
150000
±10%
0.8±0.1
C1608X7R1E154K
±20%
0.8±0.1
C1608X7R1E154M
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
220000
±10%
0.8±0.1
C1608X7R1C224K
±20%
0.8±0.1
C1608X7R1C224M
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
330000
±10%
0.8±0.1
C1608X5R1A334K
±20%
0.8±0.1
C1608X5R1A334M
470000
±10%
0.8±0.1
C1608X5R1A474K
±20%
0.8±0.1
C1608X5R1A474M
680000
±10%
C1608X5R1A684K
±20%
C1608X5R1A684M
1000000
[1
µF]
±10%
C1608X5R1A105K
±20%
C1608X5R1A105M
+0.15
–0.1
0.8
+0.15
–0.1
0.8
+0.15
–0.1
0.8
+0.15
–0.1
0.8
These products marked are nonstandard.
• For more information about products with other capacitance or other data,
please contact us.


Similar Part No. - C1608C0G1H120J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1608C0G1H120J TDK-C1608C0G1H120J Datasheet
190Kb / 7P
   Ceramic Capacitors For General Use SMD
C1608C0G1H120J TDK-C1608C0G1H120J Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C1608C0G1H120J(080AA) TDK-C1608C0G1H120J(080AA) Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608C0G1H120J080AA TDK-C1608C0G1H120J080AA Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C1608C0G1H120J080AA TDK-C1608C0G1H120J080AA Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - C1608C0G1H120J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1005CH1H100D TDK-C1005CH1H100D Datasheet
190Kb / 7P
   Ceramic Capacitors For General Use SMD
CGA2B3X7R1E104K050BB TDK-CGA2B3X7R1E104K050BB Datasheet
73Kb / 8P
   Multilayer Ceramic Chip Capacitors For automobile(General use)
C3216X5R1A475K TDK-C3216X5R1A475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C3216X7R1E475K TDK-C3216X7R1E475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C3216X7R1C474K TDK-C3216X7R1C474K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C2012X7R2A104K TDK-C2012X7R2A104K Datasheet
114Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
C3225C0G2J682J200AA TDK-C3225C0G2J682J200AA Datasheet
124Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
C3216C0G2J101J TDK-C3216C0G2J101J Datasheet
221Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
logo
Panasonic Semiconductor
ECJ-2VB1H272K PANASONIC-ECJ-2VB1H272K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VC1H820J PANASONIC-ECJ-1VC1H820J Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com