Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APS00B Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # APS00B
Description  High Resolution Magnetic Angular Position Sensor IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

APS00B Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  APS00B Datasheet HTML 1Page - Honeywell Solid State Electronics Center APS00B Datasheet HTML 2Page - Honeywell Solid State Electronics Center APS00B Datasheet HTML 3Page - Honeywell Solid State Electronics Center APS00B Datasheet HTML 4Page - Honeywell Solid State Electronics Center APS00B Datasheet HTML 5Page - Honeywell Solid State Electronics Center APS00B Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Honeywell Sensing and Control
5
Figure 7. Mounting Dimensions (All dimensions for reference only: mm/[in].)
SOIC-8 Package
Tape
Standard Reel (178 mm [7 in])
Large Reel (330 mm [13 in])
APS00M Magnet
Magnetization
Direction
23,5 Dia.
[0.93]
11,0
[0.43]
3,35
[0.13]


Similar Part No. - APS00B

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
APS00B HONEYWELL-ACC-APS00B Datasheet
607Kb / 6P
   High Resolution Magnetic Angular Position Sensor IC
APS00B-T13 HONEYWELL-ACC-APS00B-T13 Datasheet
607Kb / 6P
   High Resolution Magnetic Angular Position Sensor IC
More results

Similar Description - APS00B

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
APS00A HONEYWELL-ACC-APS00A Datasheet
607Kb / 6P
   High Resolution Magnetic Angular Position Sensor IC
logo
Standex Electronics, In...
MFM7-APS180-LACD4 STANDEX-MFM7-APS180-LACD4 Datasheet
747Kb / 3P
   Angular Position Sensor
Rev ADB
MFM7-APS090-LACD4 STANDEX-MFM7-APS090-LACD4 Datasheet
747Kb / 3P
   Angular Position Sensor
Rev ADB
A63-APS360-LACB1E STANDEX-A63-APS360-LACB1E Datasheet
704Kb / 3P
   Angular Position Sensor
Rev ACA
MFM7-APS360-LACD4 STANDEX-MFM7-APS360-LACD4 Datasheet
752Kb / 3P
   Angular Position Sensor
Rev ADB
logo
ams AG
AS5048 AMSCO-AS5048 Datasheet
2Mb / 30P
   Magnetic Rotary Encoder 14-bit Angular Position Sensor
logo
Allegro MicroSystems
A31316 ALLEGRO-A31316 Datasheet
3Mb / 61P
   3D Magnetic Position Sensor IC
Revision 2 November 29, 2022
logo
ams AG
AS5020 AMSCO-AS5020 Datasheet
338Kb / 11P
   6-BIT MAGNETIC ANGULAR POSITION ENCODER WITH SERIAL INTERFACE
logo
Infineon Technologies A...
TLE5012 INFINEON-TLE5012_10 Datasheet
1Mb / 64P
   GMR-Based Angular Sensor for Rotor-Position Sensing
V 1.0, 2010-11
TLE5012 INFINEON-TLE5012 Datasheet
2Mb / 57P
   GMR-Based Angular Sensor for Rotor Position Sensing
V 0.46, 2009-09
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com