Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRF-AT4521-FL-TR Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center

Part # HRF-AT4521-FL-TR
Description  31.0 dB, DC - 2.5GHz, 5 Bit Serial Digital Attenuator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HRF-AT4521-FL-TR Datasheet(HTML) 7 Page - Honeywell Solid State Electronics Center

  HRF-AT4521-FL-TR Datasheet HTML 1Page - Honeywell Solid State Electronics Center HRF-AT4521-FL-TR Datasheet HTML 2Page - Honeywell Solid State Electronics Center HRF-AT4521-FL-TR Datasheet HTML 3Page - Honeywell Solid State Electronics Center HRF-AT4521-FL-TR Datasheet HTML 4Page - Honeywell Solid State Electronics Center HRF-AT4521-FL-TR Datasheet HTML 5Page - Honeywell Solid State Electronics Center HRF-AT4521-FL-TR Datasheet HTML 6Page - Honeywell Solid State Electronics Center HRF-AT4521-FL-TR Datasheet HTML 7Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
HRF- AT4521
www.honeywell.com/microwave
7
EVALUATION CIRCUIT BOARD
Honeywell's evaluation board provides an easy to use method of evaluating the RF performance of our attenuator. Simply
connect power, DC and RF signals to be measuring attenuator performance in less than 10 minutes.
EVALUATION CIRCUIT BOARD LAYOUT DESIGN DETAILS
Item
Description
PCB
Impedance Matched Multi-Layer FR4
Attenuator
HRF-AT4521 Digital Attenuator
Chip Capacitor
Panasonic Model ECU-E1C103KBQ Capacitor, .01uf 0402 10% 16V
RF Connector
Johnson Connectors Model 142-0701-801 SMA RF Coaxial Connector
DC Pin
Mil-Max Model 800-10-064-10-001 Header Pins
ORDERING INFORMATION
Ordering Number
Delivery Method
Units Per Shipment
HRF-AT4521-GR-TR
HRF-AT4521-GR-T
HRF-AT4521-E
Tape and Reel
Tape
Evaluation Board
2500 Units per Reel
<2500
One Board Per Box
The new –GR attenuators will replace and are fully back-compatible with the –AU attenuators.
FIND OUT MORE
For more information on Honeywell’s Microwave Products visit us online at www.honeywell.com/microwave or contact
us at 800-323-8295 (763-954-2474 internationally).
Honeywell reserves the right to make changes to improve reliability, function or design. Honeywell does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Honeywell
12001 Highway 55
Plymouth, MN 55441
Tel: 800-323-8295
www.honeywell.com/microwave
Form #4521W
September 2007
©2007 Honeywell International Inc.
HRF-AT4521 Evaluation Board
HRF-AT4521
Evaluation Board
Top View
HRF-AT4521
Honeywell
RF In
RF Out
VDD
VSS
Gnd
Gnd
Data
CLK
OE


Similar Part No. - HRF-AT4521-FL-TR

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HRF-AT4521-B HONEYWELL-HRF-AT4521-B Datasheet
92Kb / 8P
   31.0 dB, DC-4GHz, 5 Bit Serial Digital Attenuator
HRF-AT4521-E HONEYWELL-HRF-AT4521-E Datasheet
92Kb / 8P
   31.0 dB, DC-4GHz, 5 Bit Serial Digital Attenuator
HRF-AT4521-TR HONEYWELL-HRF-AT4521-TR Datasheet
92Kb / 8P
   31.0 dB, DC-4GHz, 5 Bit Serial Digital Attenuator
More results

Similar Description - HRF-AT4521-FL-TR

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HRF-AT4521 HONEYWELL-HRF-AT4521 Datasheet
92Kb / 8P
   31.0 dB, DC-4GHz, 5 Bit Serial Digital Attenuator
HRF-AT4520 HONEYWELL-HRF-AT4520 Datasheet
91Kb / 7P
   31.0 dB, DC-4GHz, 5 Bit Parallel Digital Attenuator
logo
Tyco Electronics
AT90-1263 MACOM-AT90-1263 Datasheet
775Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
MAAD-007083-000100 MA-COM-MAAD-007083-000100 Datasheet
147Kb / 4P
   Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
MAAD-007078-000100 MA-COM-MAAD-007078-000100 Datasheet
161Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
logo
Tyco Electronics
AT90-0001 MACOM-AT90-0001 Datasheet
239Kb / 3P
   Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0007 MA-COM-MAATCC0007 Datasheet
140Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT20-0263 MA-COM-AT20-0263 Datasheet
116Kb / 4P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT90-0263 MA-COM-AT90-0263 Datasheet
157Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
AT-263-PIN MA-COM-AT-263-PIN Datasheet
123Kb / 4P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com