Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSCDRRN010MD2A3 Datasheet(PDF) 8 Page - Honeywell Solid State Electronics Center

Part # HSCDRRN010MD2A3
Description  TruStability짰 Board Mount Pressure Sensors: HSC Series?밐igh Accuracy
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HSCDRRN010MD2A3 Datasheet(HTML) 8 Page - Honeywell Solid State Electronics Center

Back Button HSCDRRN010MD2A3 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HSCDRRN010MD2A3 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HSCDRRN010MD2A3 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HSCDRRN010MD2A3 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HSCDRRN010MD2A3 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HSCDRRN010MD2A3 Datasheet HTML 9Page - Honeywell Solid State Electronics Center HSCDRRN010MD2A3 Datasheet HTML 10Page - Honeywell Solid State Electronics Center HSCDRRN010MD2A3 Datasheet HTML 11Page - Honeywell Solid State Electronics Center HSCDRRN010MD2A3 Datasheet HTML 12Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
www.honeywell.com/sensing
Figure 3. Total Error Band Explanation
Total Error Band should not be confused with accuracy, which is actually
a component of Total Error Band, as shown to the right.
Many competitors simply specify the accuracy of their device; however,
the specification may exclude errors, or may be calculated over a very
narrow range, at only one point in the range, or at their absolute best
accuracy level. It is then up to the customer to calibrate the device to
make sure it has the accuracy needed for the life of the application.
Honeywell provides the Total Error Band to its customers so that they
can implement the TruStability® sensors quickly and easily without
having to calculate the effects of individual errors that might be
encountered in their application.
All TruStability
® products are designed to remain within Total Error Band
after exposure to the environmental conditions in Table 3, including the
solder reflow process.
Thermal Hysteresis
Pressure Non-Linearity
Pressure Hysteresis
Pressure Non-Repeatability
+
+
+
+
+
Thermal Effect on Offset
Thermal Effect on Span
Total
Error
Band
Accuracy
All Possible Errors
=
=
Full Scale Span
Offset
+
+
Figure 4. HSC Series Total Error Band Values for Full Scale Span
Pressure Ranges
Figure 5. Calibrated Pressure Range, Working
Pressure, Overpressure and Burst Pressure
Relationship
150 psi
1 psi
Low to Mid
Pressure
Ultra-Low
Pressure
10 bar
4 mbar
16 mbar
±1.5
±3
6 mbar
0 mbar
±1
±2
5 inH20
2 inH20
0 inH20
0
10 inH20
40 mbar
60 mbar
25 mbar
20 inH20
HSC Differential
2.5 mbar
Ideal
Total Error Band (%FSS)
150 psi
1 psi
Low to Mid
Pressure
Ultra-Low
Pressure
10 bar
4 mbar
16 mbar
±1.5
±3
6 mbar
0 mbar
±1
±2.5
5 inH20
2 inH20
0 inH20
0
10 inH20
40 mbar
60 mbar
25 mbar
20 inH20
HSC Gage
Accuracy (%FSS)
The graphic below shows the relationship of the four
pressure types at three locations: 30 inH20, 10 inH2O
and 4 mbar.
4 mbar
10 inH20
30 inH20
16x
5x
11x
18x
Calibrated Pressure Range
15x
30x
84x
159x
50x
250x
500 inH20
1000 mbar
550 inH20
Calibrated
Pressure Range (x)
Working Pressure
Range
Overpressure
(maximum)
Burst Pressure
(minimum)


Similar Part No. - HSCDRRN010MD2A3

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HSCDRRN010BC2A3 HONEYWELL-HSCDRRN010BC2A3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,60 mbar to 10 bar
HSCDRRN010BC2A5 HONEYWELL-HSCDRRN010BC2A5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,60 mbar to 10 bar
HSCDRRN010BC3A3 HONEYWELL-HSCDRRN010BC3A3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,60 mbar to 10 bar
HSCDRRN010BC3A5 HONEYWELL-HSCDRRN010BC3A5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,60 mbar to 10 bar
HSCDRRN010BC4A3 HONEYWELL-HSCDRRN010BC4A3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,60 mbar to 10 bar
More results

Similar Description - HSCDRRN010MD2A3

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SSCSNBN001BDAA3 HONEYWELL-SSCSNBN001BDAA3 Datasheet
606Kb / 8P
   TruStability짰 HSC Series and SSC Series Board Mount Pressure Sensors, Analog Output
logo
Honeywell Accelerometer...
HSCMAND015PASA5 HONEYWELL-ACC-HSCMAND015PASA5 Datasheet
1Mb / 12P
   TRUSTABILITY SILICON PRESSURE SENSORS HSC SERIES-HIGH ACCURACY
NSCDNNN015PAUNV HONEYWELL-ACC-NSCDNNN015PAUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors: NSC Series?밬ncompensated/Unamplified
logo
Honeywell Solid State E...
HAFBLF0050CAAX3 HONEYWELL-HAFBLF0050CAAX3 Datasheet
1Mb / 14P
   HAF Series?밐igh Accuracy
logo
Honeywell Accelerometer...
NSCDANN150PGUNV HONEYWELL-ACC-NSCDANN150PGUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors:NSC Series.Uncompensated/Unamplified
logo
Honeywell Solid State E...
MPRLS0025PA00001A HONEYWELL-MPRLS0025PA00001A Datasheet
3Mb / 26P
   MicroPressure Board Mount Pressure Sensors Compact, High Accuracy, Compensated/Amplified
logo
Honeywell Accelerometer...
HSC HONEYWELL-ACC-HSC Datasheet
4Mb / 33P
   TruStability® Board Mount Pressure Sensors
August 2014
logo
Honeywell Solid State E...
HSC HONEYWELL-HSC_2 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
logo
Honeywell Accelerometer...
NBPLANN030PGUNV HONEYWELL-ACC-NBPLANN030PGUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
logo
Honeywell Solid State E...
HSC HONEYWELL-HSC_1 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,60 mbar to,10 bar
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com