Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-2612 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-2612
Description  High CMR Line Receiver Optocouplers Isolated line receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2612 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-2612 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2612 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2612 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-2612 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-2612 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-2612 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-2612 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-2612 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-2612 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
GND BUS (BACK)
VCC BUS (FRONT)
ENABLE
(IF USED)
0.1µF
OUTPUT 1
NC
NC
ENABLE
(IF USED)
0.1µF
OUTPUT 2
NC
NC
10 mm MAX.
(SEE NOTE 1)
Figure 13. Test circuit for common mode transient immunity and typical waveforms.
Figure 12. Typical rise and fall time vs.
temperature.
-60
0
TA – TEMPERATURE – °C
100
300
-20
40
20
60
-40
0
40
80
60
290
20
VCC = 5 V
II = 7.5 mA
RL = 4 kΩ
RL = 1 kΩ
RL = 350 Ω, 1 kΩ, 4 kΩ
tRISE
tFALL
RL = 350 Ω
+5 V
7
5
6
8
2
3
4
1
CC
V
0.1 µF
BYPASS
GND
OUTPUT V
MONITORING
NODE
O
PULSE
GENERATOR
Z
= 50
O
+
I I
B
A
CM
V
350
VO
0.5 V
O
V
(MIN.)
5 V
0 V
SWITCH AT A: I = 0 mA
I
SWITCH AT B: I = 7.5 mA
I
CM
V
H
CM
CML
O
V
(MAX.)
CM
V
(PEAK)
VO
Figure 15. Recommended printed circuit board layout.
Figure 14. Typical input threshold current vs.
temperature.
-60
0
TA – TEMPERATURE – °C
100
4
5
-20
2
20
60
-40
0
40
80
3
VCC = 5.0 V
VO = 0.6 V
1
RL = 4 kΩ
RL = 1 kΩ
RL = 350 Ω


Similar Part No. - HCPL-2612

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-2612 HP-HCPL-2612 Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2612 HP-HCPL-2612 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
HCPL-2612 HP-HCPL-2612 Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2612 AVAGO-HCPL-2612 Datasheet
469Kb / 16P
   High CMR Line Receiver Optocouplers
More results

Similar Description - HCPL-2612

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-2602 HP-HCPL-2602 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2602-300E AVAGO-HCPL-2602-300E Datasheet
469Kb / 16P
   High CMR Line Receiver Optocouplers
logo
Toshiba Semiconductor
TLP2631 TOSHIBA-TLP2631_07 Datasheet
202Kb / 8P
   Isolated Line Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7601 AVAGO-HCPL-7601 Datasheet
184Kb / 13P
   Isolated line receiver
logo
Toshiba Semiconductor
TLP2200 TOSHIBA-TLP2200 Datasheet
340Kb / 7P
   isolated buss driver high speed line receiver
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
Toshiba Semiconductor
TLP113 TOSHIBA-TLP113_07 Datasheet
207Kb / 8P
   Photo−IC Isolated Line Receiver
TLP2200 TOSHIBA-TLP2200_07 Datasheet
195Kb / 7P
   High Speed Line Receiver
TLP113TPRF TOSHIBA-TLP113TPRF Datasheet
204Kb / 8P
   Isolated Line Receiver Simplex / Multiplex Data Transmission
logo
Texas Instruments
SN75154 TI-SN75154 Datasheet
145Kb / 9P
[Old version datasheet]   QUADRUPLE LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com