Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-P314 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-P314
Description  0.6 Amp Output Current IGBT Gate Driver Optocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-P314 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-P314 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-P314 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-P314 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-P314 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-P314 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-P314 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-P314 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-P314 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-P314 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Table 1. IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics* (ACPL-P314/W314 Option 060)
Description
Symbol
ACPL-W14
ACPL-P314
Units
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage
 150 Vrms
for rated mains voltage
 300 Vrms
for rated mains voltage
 450 Vrms
for rated mains voltage
 600 Vrms
for rated mains voltage
 1000 Vrms
I-IV
I-IV
I-IV
I-IV
I-III
I-IV
I-IV
I-III
I-III
Climatic Classification
55/100/21
55/100/21
Pollution Degree (DIN VDE 0110/1.89)
2
2
Maximum Working Insulation Voltage
VIORM
1140
891
V peak
Input to Output Test Voltage, Method b*
VIORM x 1.875 = VPR, 100% Production Test with tm = 1 sec
Partial Discharge < 5 pC,
VPR
2137
1670
V peak
Input to Output Test Voltage, Method a*
VIORM x 1.6 = VPR, Type and sample test, tm = 10 sec,
Partial Discharge < 5 pC
VPR
1824
1426
V peak
Highest Allowable Overvoltage*
(Transient Overvoltage, tini = 60 sec)
VIOTM
8000
6000
V peak
Safety Limiting Values
(Maximum values allowed in the event of a failure)
Case Temperature
Input Current**
Output Power **
TS
IS,INPUT
PS,OUTPUT
175
230
600
175
230
600
°C
mA
mW
Insulation Resistance at TS, VIO = 500 V
RS
109
109
*
Refer to the optocoupler section of the Isolation and Control Components Designer’s Catalog,
under Product Safety Regulations section, (IEC/EN/DIN EN 60747-5-2) for a detailed description
of Method a and Method b partial discharge test profiles.
** Refer to the following figure for dependence of PS and IS on ambient temperature.
Recommended Pb-Free IR Profile
Recommended reflow condition as per JEDEC Standard, J-STD-020 (latest revision). Non-Halide Flux should be used.
Regulatory Information
The ACPL-P314/W314 is approved by the following organizations:
IEC/EN/DIN EN 60747-5-2 (Option 060 only)
Approval under:
IEC 60747-5-5:2007
UL
Approval under UL 1577 component recognition
program up to VISO = 3750 VRMS for the ACPL-P314 and
VISO = 5000 VRMS for the ACPL-W314, File E55361.
CSA
Approval under CSA Component Acceptance Notice #5,
File CA 88324.
0
0
TS – CASE TEMPERATURE – °C
200
600
400
25
800
50
75 100
200
150 175
PS (mW)
125
100
300
500
700
IS (mA)


Similar Part No. - ACPL-P314

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P314 AVAGO-ACPL-P314 Datasheet
202Kb / 14P
   ACPL-P314 and ACPL-W314 0.6 Amp Output Current IGBT Gate Driver Optocoupler
logo
Broadcom Corporation.
ACPL-P314 BOARDCOM-ACPL-P314 Datasheet
1Mb / 17P
   0.6-Amp Output Current IGBT Gate Driver Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P314-000E AVAGO-ACPL-P314-000E Datasheet
179Kb / 8P
   AC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
More results

Similar Description - ACPL-P314

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-P314 BOARDCOM-ACPL-P314 Datasheet
1Mb / 17P
   0.6-Amp Output Current IGBT Gate Driver Optocoupler
ACPL-W314 BOARDCOM-ACPL-W314 Datasheet
1Mb / 17P
   0.6-Amp Output Current IGBT Gate Driver Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-J314 AVAGO-HCPL-J314 Datasheet
310Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-332J-500E AVAGO-ACPL-332J-500E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler
ACPL-331J-000E AVAGO-ACPL-331J-000E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler
ACPL-W314-500E AVAGO-ACPL-W314-500E Datasheet
202Kb / 14P
   ACPL-P314 and ACPL-W314 0.6 Amp Output Current IGBT Gate Driver Optocoupler
ACPL-333J AVAGO-ACPL-333J Datasheet
304Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated
logo
Agilent(Hewlett-Packard...
HCPL-T250 HP-HCPL-T250 Datasheet
364Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com