Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMZ-A100-T00J1 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMZ-A100-T00J1
Description  PLCC-2, Surface Mount LED Indicator Industry standard PLCC-2 package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMZ-A100-T00J1 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMZ-A100-T00J1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMZ-A100-T00J1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMZ-A100-T00J1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMZ-A100-T00J1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMZ-A100-T00J1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMZ-A100-T00J1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMZ-A100-T00J1 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSMZ-A100-T00J1 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HSMZ-A100-T00J1 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Figure 7. Radiation Pattern.
Figure 9. Recommended wave soldering profile.
Figure 6. Forward voltage shift vs. temperature.
Figure 8. Recommended Pb-free reflow soldering profile.
Figure 10. Recommended soldering pad pattern.
217 C
200 C
60-120SEC.
6 C/SEC. MAX.
3 C/SEC. MAX.
(Acc. to J-STD-020C)
3 C/SEC. MAX.
150 C
255 - 260 C
100 SEC. MAX.
10 to 30 SEC.
TIME
LAMINAR WAVE
BOTTOM SIDE
OF PC BOARD
HOT AIR KNIFE
TURBULENT WAVE
FLUXING
PREHEAT
0
10
20
30
50
100
150
200
250
30
40
50
TIME – SECONDS
60
70
80
90
100
TOP SIDE OF
PC BOARD
CONVEYOR SPEED = 1.83 M/MIN (6 FT/MIN)
PREHEAT SETTING = 150C (100C PCB)
SOLDER WAVE TEMPERATURE = 245C
AIR KNIFE AIR TEMPERATURE = 390C
AIR KNIFE DISTANCE = 1.91 mm (0.25 IN.)
AIR KNIFE ANGLE = 40
LEADED SOLDER: SN63; FLUX: RMA
LEAD-FREE SOLDER: 96.5 wt% SN, 3 wt% Ag, 0.5 wt% Cu
NOTE: ALLOW FOR BOARDS TO BE SUFFICIENTLY COOLED
BEFORE EXERTING MECHANICAL FORCE.
Note: For detail information on reflow soldering of Avago surface
mount LEDs, do refer to Avago Application Note AN 1060 Surface
Mounting SMT LED Indicator Components.
HSMx-A100 g 6
1.0
0
ANGULAR DISPLACEMENT – DEGREES
0.8
0.6
0.2
0.4
-70
-50
-30
0
20 30
50
70
90
-90
-20
-80
-60
-40
-10
10
40
60
80
-0.3
-100
TEMPERATURE – °C
0.5
0.4
0.2
0.1
0
-0.2
150
50
-50
0
100
-0.1
0.3
GaP/AlGaAs/
AlInGaP
InGaN/GaN
2.60
4.50
1.50
SOLDER RESIST


Similar Part No. - HSMZ-A100-T00J1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMZ-A100-T00J1 HP-HSMZ-A100-T00J1 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMZ-A100-T00J1 AVAGO-HSMZ-A100-T00J1 Datasheet
330Kb / 13P
   Surface Mount LED Indicator
logo
Agilent(Hewlett-Packard...
HSMZ-A100-T00J1 HP-HSMZ-A100-T00J1 Datasheet
152Kb / 14P
   Agilent HSMx-A10x-xxxxx PLCC-2 Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMZ-A100-T00J1 BOARDCOM-HSMZ-A100-T00J1 Datasheet
788Kb / 17P
   PLCC-2, Surface Mount LED Indicator
HSMZ-A100-T00J1 BOARDCOM-HSMZ-A100-T00J1 Datasheet
768Kb / 17P
   PLCC-2, Surface Mount LED Indicator
More results

Similar Description - HSMZ-A100-T00J1

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMX-A10X-XXXXX BOARDCOM-HSMX-A10X-XXXXX Datasheet
768Kb / 17P
   PLCC-2, Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMC-A100-P70J1 AVAGO-HSMC-A100-P70J1 Datasheet
301Kb / 13P
   PLCC-2, Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMS-A100-J00J1 BOARDCOM-HSMS-A100-J00J1 Datasheet
788Kb / 17P
   PLCC-2, Surface Mount LED Indicator
logo
List of Unclassifed Man...
PLB111010 ETC2-PLB111010 Datasheet
443Kb / 7P
   Industry standard PLCC-2
logo
Broadcom Corporation.
ASMT-UWB1-NX302 BOARDCOM-ASMT-UWB1-NX302 Datasheet
780Kb / 12P
   OneWhite Surface-Mount PLCC-2 LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-UWB2-NX302 AVAGO-ASMT-UWB2-NX302 Datasheet
352Kb / 9P
   OneWhite Surface Mount PLCC-2 LED Indicator
ASMT-UWB1-NX302 AVAGO-ASMT-UWB1-NX302 Datasheet
118Kb / 8P
   OneWhite Surface Mount PLCC-2 LED Indicator
ASMT-UWB1-ZX302 AVAGO-ASMT-UWB1-ZX302 Datasheet
477Kb / 9P
   OneWhite Surface Mount PLCC-2 LED Indicator
logo
Broadcom Corporation.
ASMT-UWB1-NXXXX BOARDCOM-ASMT-UWB1-NXXXX Datasheet
726Kb / 12P
   OneWhite Surface-Mount PLCC-2 LED Indicator
June 5, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HSMW-A10X-XXXXX AVAGO-HSMW-A10X-XXXXX Datasheet
240Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com