Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-CE24-VYQ00 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CE24-VYQ00
Description  T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CE24-VYQ00 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-CE24-VYQ00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE24-VYQ00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE24-VYQ00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE24-VYQ00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE24-VYQ00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE24-VYQ00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE24-VYQ00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE24-VYQ00 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-CE24-VYQ00 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Color Bin Limits (nm at 20 mA)
Blue
Color Range (nm)
Bin ID
Min.
Max.
1
460.0
464.0

464.0
468.0
3
468.0
47.0
4
47.0
476.0
5
476.0
480.0
Tolerance for each bin limit is ± 0.5 nm.
Green
Color Range (nm at 20mA)
Bin ID
Min.
Max.
1
50.0
54.0

54.0
58.0
3
58.0
53.0
4
53.0
536.0
5
536.0
540.0
Tolerance for each bin limit is ± 0.5 nm.
Cyan
Color Range (nm)
Bin ID
Min.
Max.
1

495
500
3
500
505
4
505
510
7
498
503
8
503
508
Tolerance for each bin limit is ± 0.5 nm
Intensity Bin Limits
Bin Name
Min.
Max.
K
310
400
L
400
50
M
50
680
N
680
880
P
880
1150
Q
1150
1500
R
1500
1900
S
1900
500
T
500
300
U
300
400
V
400
5500
W
5500
700
X
700
9300
Y
9300
1000
Z
1000
16000
Tolerance for each intensity bin limit is ± 15%.
Note:
1. All bin categories are established for classification of products.
Products may not be available in all bin categories. Please contact
your Avago representatives for further information.
Relative Light Output vs. Junction Temperature
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-40
-20
0
20
40
60
80
100
120
140
TJ - JUNCTION TEMPERATURE -°C
Green
Blue
Cyan


Similar Part No. - HLMP-CE24-VYQ00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CE24-VYQXX AVAGO-HLMP-CE24-VYQXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results

Similar Description - HLMP-CE24-VYQ00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM30-M0000 AVAGO-HLMP-CM30-M0000 Datasheet
306Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com